Electronic Components Datasheet Search
  English  ▼

X  

APU428 Datasheet(PDF) 9 Page - Aplus Intergrated Circuits

Part # APU428
Description  4-Bit Micro-controller With LCD Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APU428 Datasheet(HTML) 9 Page - Aplus Intergrated Circuits

Back Button APU428 Datasheet HTML 5Page - Aplus Intergrated Circuits APU428 Datasheet HTML 6Page - Aplus Intergrated Circuits APU428 Datasheet HTML 7Page - Aplus Intergrated Circuits APU428 Datasheet HTML 8Page - Aplus Intergrated Circuits APU428 Datasheet HTML 9Page - Aplus Intergrated Circuits APU428 Datasheet HTML 10Page - Aplus Intergrated Circuits APU428 Datasheet HTML 11Page - Aplus Intergrated Circuits APU428 Datasheet HTML 12Page - Aplus Intergrated Circuits APU428 Datasheet HTML 13Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Functional Description
Index SRAM
The 256 X 4 bits index SRAM is used for applications that need more SRAM or need to load addresses by
operation, and data SRAM is included at a lower-half address in the index SRAM.
Index ROM
The 256 X 8 bits index ROM can be used in the 4-bit or 8-bit mode.
I/O ports
The IOA port can be selected by software separately as input or output. It can also be selected with/without
internal pull-low and different chattering clocks for a HALT release / interrupt trigger in order to reduce the
input bounce for the key scan:
PH6: 512Hz, PH8: 128Hz, PH10: 32Hz.
The pull-low of IOA will be masked off for those pins defined as output pins:
The IOA port can be used as a pseudo serial output port.
The IOB port can be selected by software separately as input or output.
Th e IOC port can be selected by software separately as input or output, and with/without internal pull-low and
different chattering clocks for a HALT release /interrupt trigger in order to reduce the bounce of the key scan.
The pull-low of the IOC will be masked off for those pins defined as output pins.
The IOD port can be selected by software separately as input or output.
The IOD port can be used as a pseudo serial output port.
The initial state of all I/O ports is the standard input state, and IOA and C have pull-low.
Before setting the I/O ports from input to output, execute the output function first to ensure the output state.
Resistor to frequency converter
We use an RC oscillation circuit and a 16-bit counter to calculate the relative resistance of temperature and
humidity sensor. The diagram is shown below:
RT
RH
RR
CX
ELP
RHM
Rref
CX
ENX
EHM
FIN
ERR
ENX
FIN
Freq.
CL
LD
16-Bit Counter
4-Bit Data Bus
Freq.
CL
LD
TMS
PH9
MRF
Timer & R/F
Controller
RTP
There are 2 methods for measuring the input frequency. First, set FIN (i.e. CX) as the clock input and use
timer 2 or the software directly as interval control. Second, if the FIN (CX) frequency is too low (either because
of a poor resolution for a fixed interval or a longer interval for better resolution but a longer read-out rate,
ex.10 seconds per read-out), you can switch the measure mode to set FIN (CX) as the interval control. It will
Preliminary
9
Ver. 0.0
APU428



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com