Electronic Components Datasheet Search
  English  ▼

X  

APU428 Datasheet(PDF) 10 Page - Aplus Intergrated Circuits

Part # APU428
Description  4-Bit Micro-controller With LCD Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APU428 Datasheet(HTML) 10 Page - Aplus Intergrated Circuits

Back Button APU428 Datasheet HTML 6Page - Aplus Intergrated Circuits APU428 Datasheet HTML 7Page - Aplus Intergrated Circuits APU428 Datasheet HTML 8Page - Aplus Intergrated Circuits APU428 Datasheet HTML 9Page - Aplus Intergrated Circuits APU428 Datasheet HTML 10Page - Aplus Intergrated Circuits APU428 Datasheet HTML 11Page - Aplus Intergrated Circuits APU428 Datasheet HTML 12Page - Aplus Intergrated Circuits APU428 Datasheet HTML 13Page - Aplus Intergrated Circuits APU428 Datasheet HTML 14Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
enable the counter from the first FIN rising edge to the next rising edge, then will generate an interrupt. It may
also use FREQ (internal frequency generator output) as clock input, hence counting the CX interval. For
measuring the resistor value of the temperature and humidity sensor, we must first measure the frequency of
Rref, then the frequency of Sensor:
Fref= K / Rref CX and
Fsensor= K / Rsensor CX, hence
Rsensor = Rref * Freq / Fsensor.
The CX input can be used as a clock counter.
Analog-to-Digital converter
The diagram is shown below:
LHCP
ENCP
ADF1
ADF2
ADF3
ADF4
AN1
AN2
AN3
2
1
Analog Switch
2
1
Analog Switch
LBR
Low Battery
Reference
4-Bit Ladder
DAC
ENLBR
ENDAC
MDA
DAC
AN4
0 123
MPW1
MPW2
6 / 8-Bit
PWM DAC
01 2 3 4 567
6 / 8-Bit
PWM DAC
01 2 3 4 567
MPW1
MPW2
The use of these blocks is illustrated below:
Comparator: Sets negative input as AN4, compare with AN1, 2, 3.
4-bit ADC: Sets negative input as internal 4-bit DAC, positive input as AN4, software control for AN1, 2, 3,
4 analog value archive.
Low battery detector: Sets negative input as internal 4-bit DAC, positive input as LBR (low battery
reference). If the DAC level is lower than LBR, it means there is a low-battery condition.
PWM DAC output: With an external RC network, 6-bit or 8-bit PWM DAC can be used.
6-bit/ 8-bit ADC: Sets negative input as AN4, connects from PWM with an external RC network. You can
get analog value from AN1, 2, 3.
Supply voltage measurement: Sets negative input as AN4, connects from PWM with an external RC
network, positive input is LBR. If comparative data is N, the supply voltage is LBR (about 1.26V) * 255 / N.
Note: The internal 4-bit DAC level is 1/32 VDD for 0, 3/32 for 1, 29/32 for E and 31/32 for F. The level of 6-bit
PWM is 0/63, 1/63, 62/63 and 63/63, and the level of 8-bit PWM is 0/255, 1/255, 254/255 and 255/255.
Preliminary
10
Ver. 0.0
APU428



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com