Electronic Components Datasheet Search
  English  ▼

X  

APU428 Datasheet(PDF) 11 Page - Aplus Intergrated Circuits

Part # APU428
Description  4-Bit Micro-controller With LCD Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APU428 Datasheet(HTML) 11 Page - Aplus Intergrated Circuits

Back Button APU428 Datasheet HTML 7Page - Aplus Intergrated Circuits APU428 Datasheet HTML 8Page - Aplus Intergrated Circuits APU428 Datasheet HTML 9Page - Aplus Intergrated Circuits APU428 Datasheet HTML 10Page - Aplus Intergrated Circuits APU428 Datasheet HTML 11Page - Aplus Intergrated Circuits APU428 Datasheet HTML 12Page - Aplus Intergrated Circuits APU428 Datasheet HTML 13Page - Aplus Intergrated Circuits APU428 Datasheet HTML 14Page - Aplus Intergrated Circuits APU428 Datasheet HTML 15Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
An example of ADC timing is shown below:
TCK4
IR
SW (LBR/AN4)
SW (AN4/DAC)
En LBR
En DAC
LHCP
ENCP
SAD 1Bh
LBR
DAC
SAD 28h
LBR
DAC
SAD 11h
SAD 20h
AN4
DAC
AN4
DAC
T1h
Note: Power Supply = 1.2V
T1h needs 5ms
Power Supply = 2.4V
T1h needs 10 s
EL-light
Sets ELC and ELP clock and duty cycle using ELC X instruction, then turn on and off ELC and ELP output by
SF X and RF X instruction. With external transistor, diode, inductor and resistor, we can pump the EL panel to
AC 100~250V.
LIT
ELP
ELC
R2
ELC
ELP
R1
Q1
Q2
EL-plane
D1
L1
When the EL-light is turned on, the ELC will turn on before ELP, but when the EL-light is off, the ELP and ELC
will turn off after the next falling edge of ELC in order to make sure no voltage is left on the EL plane.
Timer
The 6-bit programmable timer can select PH3/PH9/PH15/FREQ (Timer 2 can also select PH5/PH7/PH11/
PH13 by TM2X instruction) as the clock source. When it underflows, HALT release signals are generated.
Preliminary
11
Ver. 0.0
APU428



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com