Electronic Components Datasheet Search
  English  ▼

X  

APU428 Datasheet(PDF) 4 Page - Aplus Intergrated Circuits

Part # APU428
Description  4-Bit Micro-controller With LCD Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APU428 Datasheet(HTML) 4 Page - Aplus Intergrated Circuits

  APU428 Datasheet HTML 1Page - Aplus Intergrated Circuits APU428 Datasheet HTML 2Page - Aplus Intergrated Circuits APU428 Datasheet HTML 3Page - Aplus Intergrated Circuits APU428 Datasheet HTML 4Page - Aplus Intergrated Circuits APU428 Datasheet HTML 5Page - Aplus Intergrated Circuits APU428 Datasheet HTML 6Page - Aplus Intergrated Circuits APU428 Datasheet HTML 7Page - Aplus Intergrated Circuits APU428 Datasheet HTML 8Page - Aplus Intergrated Circuits APU428 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Pad No.
Pad Name
X
Y
Pad No.
Pad Name
X
Y
20
SEG20
1970
995
53
INT
70
1340
21
SEG21
1970
1110
54
IOM1
70
1225
22
SEG22
1970
1225
55
IOM2
70
1110
23
SEG23
1970
1340
56
IOM3
70
995
24
SEG24
1970
1455
57
IOM4
70
880
25
SEG25
1970
1570
58
VDD1
70
765
26
SEG26
1970
1685
59
VDD2
70
650
27
SEG27
1970
1800
60
VDD3
70
535
28
SEG28
1970
1915
61
CUP1
70
420
29
SEG29
1970
2045
62
CUP2
70
290
30
SEG30
1970
2175
63
COM1
70
160
31
SEG31
1840
2265
64
COM2
200
70
32
SEG32
1710
2265
65
COM3
330
70
33
SEG33
1595
2265
66
COM4
445
70
Chip size: 84.65 x 96.45 mil
2
Pad Descriptions
Pad Name
I/O
Description
BAK
Positive back-up voltage.
In Li mode, connects a 0.1u capacitance to GND.
VDD1
VDD2
VDD3
LCD drives the voltage and positive supply voltage.
While in Ag mode, connects +1.5V to VDD1.
While in Li/ExtV mode, connects +3.0V to VDD2.
RESET
I
Input pin from LSI reset request signal.
Internal pull-down resistor.
INT
I
Input pin for external INT request signal.
Falling or rising edge triggered by mask option.
Internal pull-down or pull-up resistor or none is selected by mask option.
TESTA
I
Test signal input pin.
CUP1
CUP2
O
Switching pins for supplying the LCD driving voltage to the VDD1, 2, 3 pins.
Connects the CUP1 and CUP2 pins with nonpolarized electrolytic capacitor if
1/2 or 1/3 bias mode has been selected.
In the static mode, these pins should be open.
XIN
XOUT
I
O
Time-based counter frequency (clock-specified, LCD alternating frequency,
alarm signal frequency) or system clock oscillation. 32kHz crystal oscillator.
Oscillation stops at the execution of STOP instruction.
CFIN
CFOUT
I
O
System clock oscillation.
Connected with ceramic resonator.
Connected with RC oscillation circuit.
Oscillation stops at the execution of STOP or SLOW instruction.
COM1~4
O
Output pins for supplying voltage to drive the common pins of the LCD or LED
panel.
SEG1~42
O
Output pins for LCD or LED panel segment.
IOA1~4
I/O
Input/Output port A can use software to define the internal pull-low resistor and
chattering clock in order to reduce input bounce and generate interrupt.
This port shares pins with SEG37~40 and is set by mask option.
This port also shares pins with CC, RR, RT and RH, and is set by mask option.
Preliminary
4
Ver. 0.0
APU428



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com