Electronic Components Datasheet Search
  English  ▼

X  

APU428 Datasheet(PDF) 17 Page - Aplus Intergrated Circuits

Part # APU428
Description  4-Bit Micro-controller With LCD Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APU428 Datasheet(HTML) 17 Page - Aplus Intergrated Circuits

Back Button APU428 Datasheet HTML 10Page - Aplus Intergrated Circuits APU428 Datasheet HTML 11Page - Aplus Intergrated Circuits APU428 Datasheet HTML 12Page - Aplus Intergrated Circuits APU428 Datasheet HTML 13Page - Aplus Intergrated Circuits APU428 Datasheet HTML 14Page - Aplus Intergrated Circuits APU428 Datasheet HTML 15Page - Aplus Intergrated Circuits APU428 Datasheet HTML 16Page - Aplus Intergrated Circuits APU428 Datasheet HTML 17Page - Aplus Intergrated Circuits APU428 Datasheet HTML 18Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
Instruction
Machine Code
Function
Flag/Remark
TM2X X
1110 011X XXXX XXXX
X8,7,6=111 : Ctm=PH13
X8,7,6=110 : Ctm=PH11
X8,7,6=101 : Ctm=PH7
X8,7,6=000 : Ctm=PH5
X8,7,6=011 : Ctm=FREQ
X8,7,6=010 : Ctm=PH15
X8,7,6=001 : Ctm=PH3
X8,7,6=000 : Ctm=PH9
X5~0: Set Timer2 Value
SHE X
1110 1000 0XXX XXX0
X6: Enable HEF6(RFC)
X4: Enable HEF4(TMR2)
X3: Enable HEF3(PDV)
X2: Enable HEF2(INT)
X1: Enable HEF1(TMR1)
SIE* X
1110 1001 0XXX XXXX
X6: Enable IEF6(RFC)
X4: Enable IEF4(TMR2)
X3: Enable IEF3(PDV)
X2: Enable IEF2(INT)
X1: Enable IEF1(TMR1)
X0: Enable IEF0(A,CPT)
PLC X
1110 101X 0XXX XXXX
X8: Reset PH15~11
X6, 4~0: Reset HRF6, 4~0
SRF X
1110 1100 00XX XXXX
X5: Enable Cx Control
X4: Enable Timer2 Control
X3: Enable Counter
X2: Enable RH Output
X1: Enable RT Output
X0: Enable RR Output
ENX
EHM
ETP
ERR
SRE X
1110 1101 X0XX 0000
X6~4: Enable SRF6~4
SRF6 (A Port)
SRF5 (HRF2)
SRF4 (M Port)
FAST
1110 1110 0000 0000
SCLK: High Speed Clock
SLOW
1110 1111 0000 0000
SCLK: Low Speed Clock
SF X
1111 0000 X00X XXXX
X7: Reload Set
X4: WDT Enable
X3: HALT after EL LIGHT
X2: EL LIGHT On
X1: BCF Set
X0: CF Set
RL1
WDF
BCF
CF
RF X
1111 0100 X00X 0XXX
X7: Reload Reset
X4: WDT Reset
X2: EL LIGHT Off
X1: BCF Reset
X0: CF Reset
RL1
WDF
BCF
CF
SF2 X
1111 1000 0000 0XXX
X0: Reload Set
X1: Dis-ENX Set
X2: Close all segments
RL2
DED
RSOFF
RF2 X
1111 1001 0000 0XXX
X0: Reload Reset
X1: Dis-ENX Reset
X2: Release all Segments
RL2
DED
RSOFF
Preliminary
17
Ver. 0.0
APU428



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com