Electronic Components Datasheet Search
  English  ▼

X  

ADNS-3050 Datasheet(PDF) 6 Page - Pixart Imaging Inc.

Part # ADNS-3050
Description  Entry-level Gaming Optical Navigation Sensor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3050 Datasheet(HTML) 6 Page - Pixart Imaging Inc.

Back Button ADNS-3050 Datasheet HTML 2Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 3Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 4Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 5Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 6Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 7Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 8Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 9Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 10Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
6
PCB Assembly Considerations
1. Insert the sensor and all other electrical components
into PCB.
2. Insert the LED into the assembly clip and bend the
leads 90 degrees.
3. Insert the LED clip assembly into PCB.
4. This sensor package is only qualified for wave-solder
process.
5. Wave solder the entire assembly in a no-wash solder
process utilizing solder fixture. The solder fixture
is needed to protect the sensor during the solder
process. It also sets the correct sensor-to-PCB distance
as the lead shoulders do not normally rest on the PCB
surface. The fixture should be designed to expose
the sensor leads to solder while shielding the optical
aperture from direct solder contact.
6. Place the lens onto the base plate.
7. Remove the protective Kapton tape from optical
aperture of the sensor. Care must be taken to
keep contaminants from entering the aperture.
Recommend not to place the PCB facing up during the
entire mouse assembly process. Recommend to hold
the PCB first vertically for the Kapton removal process.
8. Insert PCB assembly over the lens onto the base plate
aligning post to retain PCB assembly. The sensor
aperture ring should self-align to the lens.
Figure 7. Block diagram of ADNS-3050 optical mouse
9. The optical position reference for the PCB is set by the
base plate and lens. Note that the PCB motion due to
button presses must be minimized to maintain optical
alignment.
10. Install mouse top case. There MUST be a feature in
the top case to press down onto the PCB assembly to
ensure all components are interlocked to the correct
vertical height.
Customer supplied base plate with
recommended alignment features
per IGES drawing
ADNS-5110-001
Customer supplied PCB
ADNS-3050 (Sensor)
LED Clip
HLMP-EG3E LED
Important Note: IR LED is recommended for lower power consumption.
Figure 6. Exploded View of Assembly
ADNS-3050
IMAGE ARRAY
DSP
OSCILLATOR
VDD
LED
GND
NCS
SCLK
MOTION
MISO
MOSI
PixArt Imaging Inc.
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com