Electronic Components Datasheet Search
  English  ▼

X  

ADNS-3050 Datasheet(PDF) 24 Page - Pixart Imaging Inc.

Part # ADNS-3050
Description  Entry-level Gaming Optical Navigation Sensor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3050 Datasheet(HTML) 24 Page - Pixart Imaging Inc.

Back Button ADNS-3050 Datasheet HTML 20Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 21Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 22Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 23Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 24Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 25Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 26Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 27Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 28Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
24
REST1_PERIOD
Address: 0x0f
Access: Read/Write
Reset Value: 0x00
Bit
76543210
Field
RIP7
RIP6
RIP5
RIP4
RIP3
RIP2
RIP1
RIP0
Data Type: Eight bit number.
USAGE:
This register sets the Rest1 time period in seconds. Min value for this register is 0. Max value is 0xFD.
Rest 1 Period = (Register value (decimal) +1) x 0.007
NOTE:
Writing into this register when the sensor itself is operating in this rest mode may result in unexpected
behavior of the sensor. To avoid this from happening, below commands should be incorporated prior and
after the write command into this register.
i.
Write 0x80 to register 0x22H prior to writing into this register
ii.
Writing the desired value to this REST1_PERIOD register
iii.
Write 0x00 to register 0x22H after to writing into this register
REST1_DOWNSHIFT
Address: 0x10
Access: Read/Write
Reset Value: 0x4f
Bit
76543210
Field
R1D7
R1D6
R1D5
R1D4
R1D3
R1D2
R1D1
R1D0
Data Type: Eight bit number.
USAGE:
This register sets the Rest1 to Rest2 mode downshift time.
Rest 1 Downshift Time = (Register value (decimal) x (Rest1 period) x 16. Min value for this register is 0.
REST2_PERIOD
Address: 0x11
Access: Read/Write
Reset Value: 0x09
Bit
76543210
Field
R2P7
R2P6
R2P5
R2P4
R2P3
R2P2
R2P1
R2P0
Data Type: Eight bit number.
USAGE:
This register sets the Rest2 period in seconds. Min value for this register is 0. Max value is 0xFD.
Rest 2 Period = (Register value (decimal) +1) x 0.007
NOTE: Writing into this register when the sensor itself is operating in this rest mode may result in unexpected
behavior of the sensor. To avoid this from happening, below commands should be incorporated prior and
after the write command into this register.
i. Write 0x80 to register 0x22H prior to writing into this register
ii. Writing the desired value to this REST2_PERIOD register
iii. Write 0x00 to register 0x22H after to writing into this register
PixArt Imaging Inc.
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com