Electronic Components Datasheet Search
  English  ▼

X  

ADNS-3050 Datasheet(PDF) 16 Page - Pixart Imaging Inc.

Part # ADNS-3050
Description  Entry-level Gaming Optical Navigation Sensor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3050 Datasheet(HTML) 16 Page - Pixart Imaging Inc.

Back Button ADNS-3050 Datasheet HTML 12Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 13Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 14Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 15Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 16Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 17Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 18Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 19Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 20Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
16
Registers
The ADNS-3050 registers are accessible via the serial port. The registers are used to read motion data and status as well
as to set the device configuration.
Address
Register Name
Register Description
Read/Write
Default Value
0x00
PROD_ID
Product ID
R
0x09
0x01
REV_ID
Revision ID
R
0x00
0x02
MOTION_ST
Motion Status
R/W
0x00
0x03
DELTA_X
Delta_X
R
0x00
0x04
DELTA_Y
Delta_Y
R
0x00
0x05
SQUAL
Squal Quality
R
0x00
0x06
SHUT_HI
Shutter Open Time (Upper 8-bit)
R
0x01
0x07
SHUT_LO
Shutter Open Time (Lower 8-bit)
R
0x00
0x08
PIX_MAX
Maximum Pixel Value
R
0x00
0x09
PIX_ACCUM
Average Pixel Value
R/W
0x00
0x0a
PIX_MIN
Minimum Pixel Value
R
0x00
0x0b
PIX_GRAB
Pixel Grabber
R/W
0x00
0x0d
MOUSE_CTRL
Mouse Control
R/W
0x01
0x0e
RUN_DOWNSHIFT
Downshift Time from Run to Rest 1
R/W
0x46
0x0f
REST1_PERIOD
Time Period of Rest 1
R/W
0x00
0x10
REST1_DOWNSHIFT
Downshift Time from Rest 1 to Rest 2
R/W
0x4f
0x11
REST2_PERIOD
Time Period of Rest 2
R/W
0x09
0x12
REST2_DOWNSHIFT
Downshift Time from Rest 2 to Rest 3
R/W
0x2f
0x13
REST3_PERIOD
Time Period of Rest 3
R/W
0 x31
0x1c
SHUT_THR
Shutter Threshold
R/W
0x41
0x1d
SQUAL_THRESHOLD
Squal Threshold
R/W
0x3d
0x22
NAV_CTRL2
LED Mode Configuration
R/W
0x00
0x25
MISC_SETTINGS
DCR and wakeup settings Register
R/W
0x61
0x33
RESOLUTION
Full Resolution Register
R/W
0x04
0x34
LED_PRECHARGE
LED precharge time Register
R/W
0xa0
0x3a
RESET
Reset
W
0x00
0x3b
SHUTDOWN
Shutdown Register
W
0x00
0x3f
NOT_REV_ID
Inverted Revision ID
R
0xff
0x45
REST_MODE_CONFIG
Rest Mode Configuration
R/W
0x00
PixArt Imaging Inc.
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com