Electronic Components Datasheet Search
  English  ▼

X  

ADNS-3050 Datasheet(PDF) 28 Page - Pixart Imaging Inc.

Part # ADNS-3050
Description  Entry-level Gaming Optical Navigation Sensor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3050 Datasheet(HTML) 28 Page - Pixart Imaging Inc.

Back Button ADNS-3050 Datasheet HTML 23Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 24Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 25Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 26Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 27Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 28Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 29Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 30Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 31Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
28
MISC_SETTINGS
Address: 0x25
Access: Read/Write
Reset Value: 0x61
Bit
7
6543210
Field
MSR
RSVD
RSVD
RSVD
MSR
DS
DS
DS
Data Type: Bit field
USAGE:
This register is used to configure the DCR and wakeup settings register.
Bit
Field Name
Description
7
Reserved
Reserved
6:4
MSR
Minimum number of feature to wakeup from rest unit in
multiple of min_sq_run
3
Reserved
Reserved
2:0
DS
Number of bits to shift off dcr (decorrelation if correlation
threshold < auto correlation)
RESOLUTION
Address: 0x33
Access: Read/Write
Reset Value: 0x04
Bit
7
6543210
Field
RSVD
RSVD
RSVD
RES_EN
DPI
DPI
DPI
DPI
Data Type: Bit field
USAGE:
This register is used to configure the resolution of the sensor.
Bit
Field Name
Description
7:5
Reserved
Reserved
4
RES_EN
0: Disable resolution setting
1: Enable resolution setting
3:0
DPI
0x00: 4000dpi
0x01: 250dpi
0x02: 500dpi
0x03: 750dpi
0x04: 1000dpi
0x05: 1250dpi
0x06: 1500dpi
0x07: 1750dpi
0x08: 2000dpi
PixArt Imaging Inc.
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com