Electronic Components Datasheet Search
  English  ▼

X  

ADNS-3050 Datasheet(PDF) 1 Page - Pixart Imaging Inc.

Part # ADNS-3050
Description  Entry-level Gaming Optical Navigation Sensor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3050 Datasheet(HTML) 1 Page - Pixart Imaging Inc.

  ADNS-3050 Datasheet HTML 1Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 2Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 3Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 4Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 5Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 6Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 7Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 8Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Description
The
Pixart ADNS-3050 is a small form factor entry-level
gaming optical navigation sensor. It is housed
in an 8-pin staggered dual in-line package (DIP). It is ca-
pable of high-speed motion detection typically at 60ips
and acceleration up to 20g; suitable for both wired and
wireless gaming navigation system. The low power man-
agement in wireless mode can be customized to suit user
preferences. In addition, it has an on-chip oscillator and
LED driver to minimize external components.
The ADNS-3050 sensor along with the ADNS-5110-001
lens,
trim
LED clip, and HLMP-EG3E
red LED forms a complete and compact mouse tracking
system. There are no moving parts, which translates to
high reliability and less maintenance for the end user.
Precision optical alignment is not required, thus facilitating
high volume assembly.
Theory of Operation
The ADNS-3050 is based on Optical Navigation Technol-
ogy, which measures changes in position by optically
acquiring sequential surface images (frames) and math-
ematically determining the direction and magnitude of
movement. The ADNS-3050 contains an Image Acquisi-
tion System (IAS), a Digital Signal Processor (DSP), and a
four wire serial port. The IAS acquires microscopic surface
images via the lens and illumination system. These im-
ages are processed by the DSP to determine the direction
and distance of motion. The DSP calculates the ΔX and Δy
relative displacement values. An external microcontroller
reads and translates the ΔX and Δy information from the
sensor serial port into PS2, USB, or RF signals before send-
ing them to the host PC.
Features
 Small Form Factor Package - 8-pin DIP
 Operating Voltage: 2.8V-3.0V
 High Speed Motion Detection at typical of 60ips and
acceleration up to 20g.
 Selectable Resolutions up to 2000cpi
 Four wire Serial Port Interface
 External Interrupt Output for Motion Detection
 Internal Oscillator — no clock input needed
 On-chip LED driver
 Minimal number of passive components
 Programmable power-saving modes for selectable
wired or wireless application
 Customizable response time and downshift time for
rest modes
 Configurable LED operating modes and drive current
Applications
 Wired and Wireless Optical gaming mice and trackballs
 Integrated input devices
 Battery-powered input devices
NOTE: The ADNS-3050 sensor is not designed for use with blue
LED navigation system.
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
1
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
ADNS-3050 Entry-level Gaming Optical Navigation Sensor
ADNS-3050
Data Sheet


Similar Part No. - ADNS-3050

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-3050 AVAGO-ADNS-3050 Datasheet
393Kb / 30P
External Interrupt Output for Motion Detection
logo
Pixart Imaging Inc.
ADNS-3050 PIXART-ADNS-3050_17 Datasheet
1Mb / 9P
Entry-level Gaming Optical Navigation Sensor
More results

Similar Description - ADNS-3050

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAN101B PIXART-PAN101B Datasheet
290Kb / 24P
CMOS OPTICAL NAVIGATION SENSOR
ADBM-A350 PIXART-ADBM-A350 Datasheet
1Mb / 52P
Optical Finger Navigation
ADBS-A350 PIXART-ADBS-A350 Datasheet
1Mb / 55P
Optical Finger Navigation
ADNS-3050 PIXART-ADNS-3050_17 Datasheet
1Mb / 9P
Entry-level Gaming Optical Navigation Sensor
PMW3320DB-TYDU PIXART-PMW3320DB-TYDU Datasheet
458Kb / 9P
Entry-Gaming Optical Navigation Sensor
PMW3325DB-TWV1 PIXART-PMW3325DB-TWV1 Datasheet
5Mb / 19P
Optical Gaming Navigation Chip
PMW3330DM-TZQU PIXART-PMW3330DM-TZQU Datasheet
782Kb / 9P
Optical Gaming Navigation Sensor
PMW3360DM-T2QU PIXART-PMW3360DM-T2QU Datasheet
2Mb / 18P
Optical Gaming Navigation Sensor
PMW3330DM-T2QU PIXART-PMW3330DM-T2QU Datasheet
2Mb / 18P
Optical Gaming Navigation Sensor
PMW3389DM-T3QU PIXART-PMW3389DM-T3QU Datasheet
1Mb / 20P
Optical Gaming Navigation Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com