Electronic Components Datasheet Search
  English  ▼

X  

ADNS-3050 Datasheet(PDF) 19 Page - Pixart Imaging Inc.

Part # ADNS-3050
Description  Entry-level Gaming Optical Navigation Sensor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3050 Datasheet(HTML) 19 Page - Pixart Imaging Inc.

Back Button ADNS-3050 Datasheet HTML 15Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 16Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 17Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 18Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 19Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 20Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 21Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 22Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 23Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
19
Squal (White Paper)
0
10
20
30
40
50
60
Count
Mean SQUAL vs Z (White Paper)
-10
0
10
20
30
40
50
60
1.6
1.82
2.22.42.62.83
3.2
Distance from Lens Reference Plane to Tracking Surface - Z (mm)
Avg-3sigma
Avg
Avg+3sigma
Figure 21. Mean squal vs. Z (White Paper)
SQUAL
Address: 0x05
Access: Read
Reset Value: 0x00
Bit
76543210
Field
SQ7
SQ6
SQ5
SQ4
SQ3
SQ2
SQ1
SQ0
Data Type: Upper 8 bits of a 9-bit unsigned integer.
USAGE:
SQUAL (Surface Quality) is a measure of the number of valid features visible by the sensor in the current
frame. The maximum SQUAL register value is 128. Since small changes in the current frame can result in
changes in SQUAL, variations in SQUAL when looking at a surface are expected. The graph below shows 800
sequentially acquired SQUAL values, while a sensor was moved slowly over white paper. SQUAL is nearly
equal to zero, if there is no surface below the sensor. SQUAL is typically maximized when the navigation
surface is at the optimum distance from the imaging lens (the nominal Z-height).
Figure 20. Squal values (white paper)
PixArt Imaging Inc.
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com