Electronic Components Datasheet Search
  English  ▼

X  

ADNS-3050 Datasheet(PDF) 17 Page - Pixart Imaging Inc.

Part # ADNS-3050
Description  Entry-level Gaming Optical Navigation Sensor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3050 Datasheet(HTML) 17 Page - Pixart Imaging Inc.

Back Button ADNS-3050 Datasheet HTML 13Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 14Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 15Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 16Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 17Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 18Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 19Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 20Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 21Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
17
PROD_ID
Address: 0x00
Access: Read
Reset Value: 0x09
Bit
76543210
Field
PID7
PID6
PID5
PID4
PID3
PID2
PID1
PID0
Data Type: 8-Bit unsigned integer
USAGE:
This register contains a unique identification assigned to the ADNS-3050. The value in this register does
not change; it can be used to verify that the serial communications link is functional. If using this register to
verify serial communications link during rest modes, please read following registers in this sequence: 0x00,
0x02, 0x03, 0x04, 0x00 (regardless of register 0x02’s status). If both or either one of the read 0x00 value is
correct, no additional action is required as the serial communication link is good. Only if both read 0x00
value attempts are wrong, perform a reset operation to the sensor to restore the serial communications link.
Note: Highly recommended to use Motion pin function during rest modes for motion detection in wireless mode.
REV_ID
Address: 0x01
Access: Read
Reset Value: 0x00
Bit
76543210
Field
RID7
RID6
RID5
RID4
RID3
RID2
RID1
RID0
Data Type: 8-Bit unsigned integer
USAGE:
This register contains the IC revision. It is subject to change when new IC versions are released.
MOTION_ST
Address: 0x02
Access: Read/Write
Reset Value: 0x00
Bit
7
6543210
Field
MOTION_ST
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
Data Type: Bit field.
USAGE:
Register 0x02 allows the user to determine if motion has occurred since the last time it was read. If the
MOTION_ST bit is set, then the user should read registers 0x03 (DELTA_X) and 0x04 (DELTA_Y) to get the
accumulated motion data. Read this register before reading the DELTA_X and DELTA_Y registers. Writing any
data into this register clears MOTION_ST bit, DELTA_X and DELTA_Y registers. However the written data byte
will not be saved.
Bit
Field Name
Description
7
MOTION_ST
Motion detected since last report
0 = No motion (default)
1 = Motion occurred, data in DELTA_X and DELTA_Y registers
ready to be read
6-0
RSVD
Reserved
PixArt Imaging Inc.
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com