Electronic Components Datasheet Search
  English  ▼

X  

ADNS-3050 Datasheet(PDF) 9 Page - Pixart Imaging Inc.

Part # ADNS-3050
Description  Entry-level Gaming Optical Navigation Sensor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3050 Datasheet(HTML) 9 Page - Pixart Imaging Inc.

Back Button ADNS-3050 Datasheet HTML 5Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 6Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 7Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 8Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 9Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 10Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 11Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 12Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 13Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
9
Table 1. Absolute Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Units
Notes
Storage Temperature
TS
-40
85
C
Operating Temperature
TA
-15
55
C
Lead Solder Temperature
TSOLDER
260
C
For 7 seconds, 1.6mm below seating plane.
Supply Voltage
VDD
-0.5
3.7
V
ESD (Human Body Model)
2
kV
All pins
Input Voltage
VIN
-0.5
VDD + 0.5
V
All I/O pins
Output Current
Iout
7
mA
MISO pin
Table 2. Recommended Operating Condition
Parameter
Symbol
Min
Typ.
Max
Units
Notes
Operating Temperature
TA
040
C
Power Supply Voltage
VDD
2.8
3.0
V
Power Supply Rise Time
tRT
0.005
100
ms
0 to VDD min
Supply Noise (Sinusoidal)
VNA
100
mVp-p
10kHz —50MHz
Serial Port Clock Frequency
fSCLK
1
MHz
50% duty cycle
Distance from Lens Reference
Z
2.3
2.4
2.5
mm
Plane to Tracking Surface
Speed
S
60
ips
Acceleration
A
20
g
In run mode
Load Capacitance
Cout
100
pF
MISO
Design Considerations for Improved ESD Performance
For improved electrostatic discharge performance, typical
creepage and clearance distance are shown in the table
below. Assumption: base plate construction is as per the
Pixart supplied IGES file and ADNS-5110-001 or ADNS-
5120-002 trim lens. Note that the lens material is
polycarbonate or polystyrene HH30. Therefore,
cyanoacrylate based adhesives or other adhesives that
may damage the lens should NOT be used.
ADNS-5110-001 Lens
Typical Distance (mm)
Creepage
15.43
Clearance
7.77
Regulatory Requirements
 Passes FCC B and worldwide analogous emission limits
when assembled into a mouse with shielded cable and
following
Pixart’s recommendations.
 Passes IEC-1000-4-3 radiated susceptibility level when
assembled into a mouse with shielded cable and
following
Pixart’s recommendations.
 Passes EN61000-4-4/IEC801-4 EFT tests when
assembled into a mouse with shielded cable and
following
Pixart recommendations.
 Provides sufficient ESD creepage/clearance distance to
withstand discharge up to 15KV when assembled into
a mouse according to usage instructions above.
PixArt Imaging Inc.
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com