Electronic Components Datasheet Search
  English  ▼

X  

TPS65950 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65950
Description  Integrated Power Management/Audio Codec
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65950 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TPS65950 Datasheet HTML 35Page - Texas Instruments TPS65950 Datasheet HTML 36Page - Texas Instruments TPS65950 Datasheet HTML 37Page - Texas Instruments TPS65950 Datasheet HTML 38Page - Texas Instruments TPS65950 Datasheet HTML 39Page - Texas Instruments TPS65950 Datasheet HTML 40Page - Texas Instruments TPS65950 Datasheet HTML 41Page - Texas Instruments TPS65950 Datasheet HTML 42Page - Texas Instruments TPS65950 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 171 page
background image
032-006
Outputvoltage=1.3V,VBAT =3.6V
90
80
70
60
50
40
30
20
10
0
0
0.0001
0.001
0.01
0.1
1
Iload(A)
TPS65950
www.ti.com
SWCS032E – OCTOBER 2008 – REVISED JANUARY 2011
See Table 2-2 for how to connect the VDD2 dc-dc converter when it is not used.
Figure 4-4 shows the efficiency of the VDD2 dc-dc regulator in active and sleep modes.
Figure 4-4. VDD2 dc-dc Regulator Efficiency
4.1.2.2
External Components and Application Schematic
Figure 4-5 is an application schematic with the external components of the VDD2 dc-dc regulator.
Copyright © 2008–2011, Texas Instruments Incorporated
Power Module
39
Submit Documentation Feedback
Product Folder Link(s): TPS65950



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com