Electronic Components Datasheet Search
  English  ▼

X  

TPS65950 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65950
Description  Integrated Power Management/Audio Codec
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65950 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TPS65950 Datasheet HTML 24Page - Texas Instruments TPS65950 Datasheet HTML 25Page - Texas Instruments TPS65950 Datasheet HTML 26Page - Texas Instruments TPS65950 Datasheet HTML 27Page - Texas Instruments TPS65950 Datasheet HTML 28Page - Texas Instruments TPS65950 Datasheet HTML 29Page - Texas Instruments TPS65950 Datasheet HTML 30Page - Texas Instruments TPS65950 Datasheet HTML 31Page - Texas Instruments TPS65950 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 171 page
background image
TPS65950
SWCS032E – OCTOBER 2008 – REVISED JANUARY 2011
www.ti.com
Table 3-2. VBAT Min Required Per VBAT Ball and Associated Maximum Current (continued)
Category
Pin and Module
Maximum
Output Voltage (V)
VBAT Minimum (V)
Current
Specified
(mA)
VAUX1 (LDO)
200
1.5 / 1.8 / 2.5 / 2.8 / 3.0
Maximum
(2.7, output voltage selected + 250 mV)
VAUX2 (LDO)
100
1.3 / 1.5 / 1.6 / 1.7 / 1.8 / 1.9 /
Maximum
Internal module
2.0 / 2.1 / 2.2 / 2.3 / 2.4 / 2.5 /
(2.7, output voltage selected + 250 mV)
supplied
2.8
VSIM (LDO)
50
1.0 / 1.2 / 1.3 / 1.8 / 2.8 / 3.0
Maximum
(2.7, output voltage selected + 250 mV)
VBAT pin name
VDD_VMMC2_IN_6POV
100
VMMC2 (LDO)
100
1.0 / 1.2 / 1.3 / 1.5 / 1.8 / 1.85 /
Maximum
2.5 / 2.6 / 2.8 / 2.85 / 3.0 / 3.15
(2.7, output voltage selected + 250 mV)
Power_REGBATT
0.001
2.7
VBAT pin name
VDD_VMMC1_IN_6POV
220
VMMC1 (LDO)
220
1.85 / 2.85 / 3.0 / 3.15
Maximum
(2.7, output voltage selected + 250 mV)
Power_REGBATT
0.001
2.7
VBAT pin name
VDD_VINT_IN_6POV
131
VINTDIG (LDO)
80
1.0 / 1.2 / 1.3 / 1.5
Maximum
(2.7, output voltage selected + 250 mV)
Internal module
VRRTC (LDO)
30
1.5
Maximum
supplied
(2.7, output voltage selected + 250 mV)
VBACKUP (LDO)
1
2.5 / 3.0 / 3.1 / 3.2
Maximum
(2.7, output voltage selected + 250 mV)
VBAT pin name
VDD_VAUX4_IN_6POV
100
VAUX4 (LDO)
100
0.7 / 1.0 / 1.2 / 1.3 / 1.5 / 1.8 /
output voltage selected + 250 mV
1.85 / 2.5 / 2.6 / 2.8 / 2.85 / 3.0
/ 3.15
3.3
Recommended Operating Conditions
Table 3-3 lists the recommended operating maximum ratings.
Table 3-3. Recommended Operating Maximum Ratings
Parameter
Min
Typ
Max
Unit
Main battery supply voltage
2.7(1)
3.6
4.5
V
Backup battery supply voltage
1.8
3.2
3.3
V
Ambient temperature range
–40
85
°C
(1) 2.7 V is the minimum threshold for the battery at which the device will turn OFF. However, the minimum voltage at which the device will
power ON is 3.2 V ±100 mV (if PWRON does not have a switch and is connected to VBAT) considering battery plug as the device
switch on event. If PWRON has a switch then 3.2 V is the minimum for the device to turn ON.
3.4
Digital I/O Electrical Characteristics
Table 3-4 describes the digital I/O electrical characteristics.
•
RL: Reference level voltage applied to the I/O cell
•
VOL: Low-level output voltage
•
VOH: High-level output voltage
•
VIL: Low-level input voltage
•
VIH: High-level input voltage
28
Electrical Characteristics
Copyright © 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TPS65950



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com