Electronic Components Datasheet Search
  English  ▼

X  

TPS65950 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65950
Description  Integrated Power Management/Audio Codec
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65950 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TPS65950 Datasheet HTML 25Page - Texas Instruments TPS65950 Datasheet HTML 26Page - Texas Instruments TPS65950 Datasheet HTML 27Page - Texas Instruments TPS65950 Datasheet HTML 28Page - Texas Instruments TPS65950 Datasheet HTML 29Page - Texas Instruments TPS65950 Datasheet HTML 30Page - Texas Instruments TPS65950 Datasheet HTML 31Page - Texas Instruments TPS65950 Datasheet HTML 32Page - Texas Instruments TPS65950 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 171 page
background image
TPS65950
www.ti.com
SWCS032E – OCTOBER 2008 – REVISED JANUARY 2011
Table 3-4. Digital I/O Electrical Characteristics
VOL (V)
VOH (V)
VIL (V)
VIH (V)
Max Freq
Load (pF)
Rise
Pin Name
Fall Time (ns)
(MHz)
Output Mode
Time (ns)
Min
Max
Min
Max
Min
Max
Min
Max
GPIO0/CD1
0
0.45
RL–0.45
RL
0
0.35xRL
0.65xRL
RL
33
30
5.2
5.2
JTAG.TDO
GPIO0/CD2
0
0.45
RL–0.45
RL
0
0.35xRL
0.65xRL
RL
33
30
5.2
5.2
JTAG.TMS
GPIO2
0
0.45
RL–0.45
RL
0
0.35xRL
0.65xRL
RL
3
30
5.2
5.2
Test1
GPIO15
0
0.45
RL–0.45
RL
0
0.35xRL
0.65xRL
RL
3
30
5.2
5.2
Test2
GPIO16
PWM0
0
0.45
RL–0.45
RL
0
0.35xRL
0.65xRL
RL
3
30
5.2
5.2
Test3
GPIO17
VIBRA.SYNC
0
0.45
RL–0.45
RL
0
0.35xRL
0.65xRL
RL
3
30
5.2
5.2
PWM1
Test4
START.ADC
0
0.45
RL–0.45
RL
0
0.35×RL
0.65×RL
RL
6
16.7
16.7
SYSEN
0
0.45
RL–0.45
RL
0
0.35×RL
0.65×RL
RL
5.2
5.2
CLKEN
0
0.45
RL–0.45
RL
0
0.35×RL
0.65×RL
RL
3
30
33.3
33.3
CLKEN2
0
0.45
RL–0.45
RL
0
0.35×RL
0.65×RL
RL
3
30
33.3
33.3
CLKREQ
0
0.45
RL–0.45
RL
0
0.35×RL
0.65×RL
RL
3
33.3
33.3
INT1
0
0.45
RL–0.45
RL
0
0.35×RL
0.65×RL
RL
3
30
33.3
33.3
INT2
0
0.45
RL–0.45
RL
0
0.35×RL
0.65×RL
RL
3
30
33.3
33.3
NRESPWRON
0
0.45
RL–0.45
RL
0
0.35×RL
0.65×RL
RL
3
30
33.3
33.3
NRESWARM
0
0.45
RL–0.45
RL
0
0.35×RL
0.65×RL
RL
3
30
33.3
33.3
PWRON
0
0.35×1.8V
0.65×1.8V
VBAT
3
33.3
33.3
NSLEEP1
0
0.45
RL–0.45
RL
0
0.35×RL
0.65×RL
RL
3
33.3
33.3
NSLEEP2
0
0.45
RL–0.45
RL
0
0.35×RL
0.65×RL
RL
3
33.3
33.3
CLK256FS
0
0.45
RL–0.45
RL
0
0.35×RL
0.65×RL
RL
12.288
30
16.3
16.3
VMODE1
0
0.45
RL–0.45
RL
0
0.35×RL
0.65×RL
RL
3
33.3
33.3
BOOT0
0
RL
3
33.3
33.3
BOOT1
0
RL
3
33.3
33.3
REGEN
0
0.45
RL–0.45
RL
0
0.35×RL
0.65×RL
RL
3
30
33.3
33.3
MSECURE
0
0.45
RL–0.45
RL
0
0.35×RL
0.65×RL
RL
3
33.3
33.3
I2C.SR.SDA
0
0.4
–0.5
0.3×RL
0.7×RL
RL+0.5
3.4
Up to 400
VMODE2
0
0.45
RL–0.45
RL
0
0.35×RL
0.65×RL
RL
3.4
29.4
29.4
I2C.SR.SCL
0
0.4
–0.5
0.3×RL
0.7×RL
RL+0.5
3.4
10.0
10.0
I2C.CNTL.SDA
0
0.4
–0.5
0.3×RL
0.7×RL
RL+0.5
3.4
Up to 400
I2C.CNTL.SCL
0
0.4
–0.5
0.3×RL
0.7×RL
RL+0.5
3.4
10.0
10.0
PCM.VCK
0
0.45
RL–0.45
RL
0
0.35×RL
0.65×RL
RL
1
30
100.0
33.0
PCM.VDR
0
0.45
RL–0.45
RL
0
0.35×RL
0.65×RL
RL
1
30
100.0
100.0
PCM.VDX
0
0.45
RL–0.45
RL
0
0.35×RL
0.65×RL
RL
1
30
100.0
33.0
PCM.VFS
0
0.45
RL–0.45
RL
0
0.35×RL
0.65×RL
RL
1
30
33.0
33.0
I2S.CLK
0
0.45
RL–0.45
RL
0
0.35×RL
0.65×RL
RL
6.5
30
33.0
33.0
I2S.SYNC
0
0.45
RL–0.45
RL
0
0.35×RL
0.65×RL
RL
6.5
30
33.0
33.0
I2S.DIN
0
0.45
RL–0.45
RL
0
0.35×RL
0.65×RL
RL
3.25
30
33.0
33.0
I2S.DOUT
0
0.45
RL–0.45
RL
0
0.35×RL
0.65×RL
RL
3.25
30
29.0
29.0
UART1.TXD
0
0.45
RL–0.45
RL
0
0.35×RL
0.65×RL
RL
3
30
33.0
33.0
GPIO8
0
0.45
RL–0.45
RL
0
0.35×RL
0.65×RL
RL
3
33.0
33.0
UART1.RXD
RTSO/CLD64K.OUT/
0
0.45
RL–0.45
RL
0
0.35×RL
0.65×RL
RL
3
30
33.0
33.0
BERCLK.OUT
CTSI/BERDATA.OUT
0
0.45
RL–0.45
RL
0
0.35×RL
0.65×RL
RL
3
30
33.0
33.0
MANU
0
0.45
RL–0.45
RL
0
0.35×RL
0.65×RL
RL
3
33.0
33.0
32KCLKOUT
0
0.45
RL–0.45
RL
0
0.35×RL
0.65×RL
RL
0.032
30
16
16
HFCLKOUT
0
0.45
RL–0.45
RL
0
0.35×RL
0.65×RL
RL
38.4
30
2.6
2.6
Copyright © 2008–2011, Texas Instruments Incorporated
Electrical Characteristics
29
Submit Documentation Feedback
Product Folder Link(s): TPS65950



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com