Electronic Components Datasheet Search
  English  ▼

X  

TPS65950 Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65950
Description  Integrated Power Management/Audio Codec
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65950 Datasheet(HTML) 64 Page - Texas Instruments

Back Button TPS65950 Datasheet HTML 60Page - Texas Instruments TPS65950 Datasheet HTML 61Page - Texas Instruments TPS65950 Datasheet HTML 62Page - Texas Instruments TPS65950 Datasheet HTML 63Page - Texas Instruments TPS65950 Datasheet HTML 64Page - Texas Instruments TPS65950 Datasheet HTML 65Page - Texas Instruments TPS65950 Datasheet HTML 66Page - Texas Instruments TPS65950 Datasheet HTML 67Page - Texas Instruments TPS65950 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 171 page
background image
VBAT
DEVOFF(register)
NRESPWRON
REGEN
32K
OUT
CLK
DCDCs
LDOs
SYSEN
HFCLKOUT
CLKEN
NEXT_Startup_event
18 s
m
1.2ms
1.2ms
1.2ms
18 s
m
18 s
m
18 s
m
3.42msbeforedetectionofstartingevent
126 s
m
032-013
TPS65950
SWCS032E – OCTOBER 2008 – REVISED JANUARY 2011
www.ti.com
NOTE: All timings are typical values with the default setup (depending on the resynchronization between power domains,
state machinery priority, etc.).
Figure 4-12. Power-Off Sequence in Master Modes
If the value of the HF clock is not 19.2 MHz (with the values of the CFG_BOOT HFCLK_FREQ bit field set
accordingly), the delay between DEVOFF and NRESPWRON/CLK32KOUT/SYSEN/HFCLKOUT is divided
by two (approximately 9
μs). This is caused by the internal frequency used by power STM switching from
3 to 1.5 MHz if the HF clock value is 19.2 MHz.
The DEVOFF event is PWRON falling edge in slave mode and DEVOFF internal register write in master
mode.
64
Power Module
Copyright © 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TPS65950



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com