Electronic Components Datasheet Search
  English  ▼

X  

TPS65950 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65950
Description  Integrated Power Management/Audio Codec
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65950 Datasheet(HTML) 3 Page - Texas Instruments

  TPS65950 Datasheet HTML 1Page - Texas Instruments TPS65950 Datasheet HTML 2Page - Texas Instruments TPS65950 Datasheet HTML 3Page - Texas Instruments TPS65950 Datasheet HTML 4Page - Texas Instruments TPS65950 Datasheet HTML 5Page - Texas Instruments TPS65950 Datasheet HTML 6Page - Texas Instruments TPS65950 Datasheet HTML 7Page - Texas Instruments TPS65950 Datasheet HTML 8Page - Texas Instruments TPS65950 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 171 page
background image
TPS65950
www.ti.com
SWCS032E – OCTOBER 2008 – REVISED JANUARY 2011
4.5.2.1
C027.0 Mode
....................................................................................... 59
4.5.2.2
C021.M Mode
...................................................................................... 59
4.5.3
Power-On Sequence
........................................................................................... 59
4.5.3.1
Timings Before Sequence_Start
................................................................. 59
4.5.3.2
OMAP2 Power-On Sequence
.................................................................... 60
4.5.3.3
OMAP3 Power-On Sequence
.................................................................... 61
4.5.3.4
Power On in Slave_C021_Generic Mode
....................................................... 63
4.5.4
Power-Off Sequence
........................................................................................... 63
4.5.4.1
Power-Off Sequence in Master Modes
.......................................................... 63
5
Real-Time Clock and Embedded Power Controller
................................................................. 65
5.1
RTC
......................................................................................................................... 65
5.1.1
Backup Battery
.................................................................................................. 65
5.2
EPC
......................................................................................................................... 65
6
Audio/Voice Module
........................................................................................................... 66
6.1
Audio/Voice Downlink (RX) Module
..................................................................................... 67
6.1.1
Earphone Output
................................................................................................ 67
6.1.1.1
Earphone Output Characteristics
................................................................ 67
6.1.1.2
External Components and Application Schematic
............................................. 68
6.1.2
8-
Ω Stereo Hands-Free
........................................................................................ 68
6.1.2.1
8-
Ω Stereo Hands-Free Output Characteristics
................................................ 68
6.1.2.2
External Components and Application Schematic
............................................. 69
6.1.3
Headset
.......................................................................................................... 70
6.1.3.1
Headset Output Characteristics
.................................................................. 70
6.1.3.2
External Components and Application Schematic
............................................. 72
6.1.4
Headset Pop-Noise Attenuation
.............................................................................. 75
6.1.5
Predriver for External Class-D Amplifier
..................................................................... 76
6.1.5.1
Predriver Output Characteristics
................................................................. 76
6.1.5.2
External Components and Application Schematic
............................................. 77
6.1.6
Vibrator H-Bridge
............................................................................................... 78
6.1.6.1
Vibrator H-Bridge Output Characteristics
....................................................... 78
6.1.6.2
External Components and Application Schematic
............................................. 78
6.1.7
Carkit Output
.................................................................................................... 79
6.1.8
Digital Audio Filter Module
.................................................................................... 80
6.1.9
Digital Voice Filter Module
..................................................................................... 80
6.1.9.1
Voice Downlink Filter (Sampling Frequency at 8 kHz)
........................................ 81
6.1.9.2
Voice Downlink Filter (Sampling Frequency at 16 kHz)
...................................... 82
6.1.10
Boost Stage
..................................................................................................... 82
6.2
Audio/Voice Uplink (TX) Module
......................................................................................... 84
6.2.1
Microphone Bias Module
...................................................................................... 84
6.2.1.1
Analog Microphone Bias Module Characteristics
.............................................. 85
6.2.1.2
External Components and Application Schematic
............................................. 86
6.2.1.3
Digital Microphone Bias Module Characteristics
............................................... 87
6.2.1.4
Silicon Microphone Characteristics
.............................................................. 89
6.2.2
Stereo Differential Input
........................................................................................ 90
6.2.3
Headset Differential Input
...................................................................................... 90
6.2.4
FM Radio/Auxiliary Stereo Input
.............................................................................. 91
6.2.4.1
External Components
............................................................................. 91
6.2.5
PDM Interface for Digital Microphones
...................................................................... 91
Copyright © 2008–2011, Texas Instruments Incorporated
Contents
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com