Electronic Components Datasheet Search
  English  ▼

X  

TPS65950 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65950
Description  Integrated Power Management/Audio Codec
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65950 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS65950 Datasheet HTML 9Page - Texas Instruments TPS65950 Datasheet HTML 10Page - Texas Instruments TPS65950 Datasheet HTML 11Page - Texas Instruments TPS65950 Datasheet HTML 12Page - Texas Instruments TPS65950 Datasheet HTML 13Page - Texas Instruments TPS65950 Datasheet HTML 14Page - Texas Instruments TPS65950 Datasheet HTML 15Page - Texas Instruments TPS65950 Datasheet HTML 16Page - Texas Instruments TPS65950 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 171 page
background image
Powercontrol
(BBS-backup
VRRTC-UVLO)
Powerreferences
(Vref-Iref-BandGap)
Powerprovider
(LDOs-DCDCs)
RTC
32kHz
Clockslicer
RCoscillator
Thermalmonitor
system
Powersubchip(A-D)
Poweranalog
Powerdigital
Auxiliarysubchip(A-D)
Audiosubchip(A-D)
Interfacesubchip(D)
Audio
PLL
AUDIOdigital
Bluetooth
interface
PCM
interface
TDM/I2S
interface
Audioandvoicefilters
(RXand TXpaths)
+
Vibratorcontrol
AUDIO
analog
Wrapper
digital
Analogand
digitalmic
bias
Digitalmic
interface
AudioRXamplifiers
Micamplifiers
Analogvolumecontrol
D/A converters
A/Dconverters
Differentialvibrator
Carkitpreamplifiers
MADCTOP
MADC
digital
state-machine
MADCanalog
(SAR-Vref)
BCITOP
BCI
digital
BCIanalog
USBsubchip(A-D)
SIH
CardDet1
CardDet2
GPIO
PIH
TAP
OCP
SIH
RTC
Felica
PMCmaster
PMCslave
SlaveOCP
wrapper
13MHz/32kHz
LEDdigital
LEDanalog
LEDTOP
Vibrator
control(D)
Keypad
(D)
USB
digital
(ULPI/
registers
interrupts
CEA and
MCPC
carkit)
Device
Shundan
Smart
Reflex
Precharge
loop
Mainloop
MainDAC
Mainaux
Analog
carkit
interfaces
OTG
module
USB2.0
transceiver
USBpower
supply
USB
precharge
module
Clocks
Digitalsignal(s)
Analogsignal(s)
Clock
generator
PCM(2)
PCM(4)
TDM(4)
StartADC
LedSync
ULPI(12)
UART(2)
BERCLK
BERDATA
Clocks
OCP
SIH_INT
TAP
OCP
Clocks
SIH_INT
TAP
I2C A pad
I2CBpad
ClkIn/Out
GPIOpad
Precharge
PM
Precharge
status
Shifters
032-003
TPS65950
www.ti.com
SWCS032E – OCTOBER 2008 – REVISED JANUARY 2011
1.2
TPS65950 Block Diagram
Figure 1-1 is a block diagram of the TPS65950.
Figure 1-1. TPS65950 Block Diagram
Copyright © 2008–2011, Texas Instruments Incorporated
Introduction
13
Submit Documentation Feedback
Product Folder Link(s): TPS65950



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com