Electronic Components Datasheet Search
  English  ▼

X  

TPS65950 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65950
Description  Integrated Power Management/Audio Codec
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65950 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS65950 Datasheet HTML 13Page - Texas Instruments TPS65950 Datasheet HTML 14Page - Texas Instruments TPS65950 Datasheet HTML 15Page - Texas Instruments TPS65950 Datasheet HTML 16Page - Texas Instruments TPS65950 Datasheet HTML 17Page - Texas Instruments TPS65950 Datasheet HTML 18Page - Texas Instruments TPS65950 Datasheet HTML 19Page - Texas Instruments TPS65950 Datasheet HTML 20Page - Texas Instruments TPS65950 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 171 page
background image
TPS65950
www.ti.com
SWCS032E – OCTOBER 2008 – REVISED JANUARY 2011
Table 2-1. Ball Characteristics (continued)
PU[6] (k
Ω)
PD[6] (k
Ω)
Buffer
Pin
A/D
Reference Level
Ball[1]
Type[4]
Strength
Name[2]
[3]
RL[5]
Min[7]
Typ[8]
Max[9]
Min
Typ
Max
(mA)[10]
D11
VBAT.RIGHT
A
Power
VBAT
B11
IHF.RIGHT.P
A
O
VBAT
B12
IHF.RIGHT.M
A
O
VBAT
C12
GND.RIGHT
A
Power GND
GND
C11
GND.RIGHT
A
Power GND
GND
A6
EAR.P
A
O
VINTANA2.OUT
A7
EAR.M
A
O
VINTANA2.OUT
B4
HSOL
A
O
VINTANA2.OUT
PreDriv.LEFT
A
O
VINTANA2.OUT
B7
VMID
A
Power
VINTANA2.OUT
B5
HSOR
A
O
VINTANA2.OUT
PreDriv.RIGHT
A
O
VINTANA2.OUT
B8
ADCIN7
A
I
VINTANA2.OUT
F1
AUXL
A
I
VINTANA2.OUT
G1
AUXR
A
I
VINTANA2.OUT
MICBIAS1.OUT
A
Power
VINTANA2.OUT
D1
VMIC1.OUT
A
Power
VINTANA2.OUT
MICBIAS2.OUT
A
Power
VINTANA2.OUT
D2
VMIC2.OUT
A
Power
VINTANA2.OUT
E4
VHSMIC.OUT
A
Power
VINTANA2.OUT
D3
MICBIAS.GND
Power GND
GND
J4 / J6 /J7 /
AVSS1
A
Power GND
GND
J8 / E5
R10
AVSS2
A
Power GND
GND
M15
AVSS3
A
Power GND
GND
C7
AVSS4
A
Power GND
GND
B1
UART1.TXD
D
OD
External 1.8 to 3.3 V
2
GPIO8
D
I
IO_1P8
4.7
7.4
10
5.9
7
8.3
D8
UART1.RXD
D
I
IO_1P8
RTSO/
CLK64K.OUT/
D
OD
VUSB.3P1
2
N11
BERCLK.OUT
ADCIN5
A
I
VINTANA2.OUT
CTSI/
D
OD/CMOS/I/O
VUSB.3P1
4.7
7.4
10
2
BERDATA.OUT
P11
ADCIN3
A
I
VINTANA2.OUT
TXAF
A
I
VUSB.3P1
N8
ADCIN4
A
I
VINTANA2.OUT
RXAF
A
O
VUSB.3P1
N9
ADCIN6
A
I
VINTANA2.OUT
L10
MANU
D
I
VUSB.3P1
162
280
414
N10
32KCLKOUT
D
O
IO_1P8
P16
32KXIN
A
I
IO_1P8
P15
32KXOUT
A
O
IO_1P8
A14
HFCLKIN
A
I
IO_1P8
R12
HFCLKOUT
D
O
IO_1P8
R8
VBUS
A
Power
VBUS
T10
DP/UART3.RXD
A
I/O
VBUS
2
T11
DN/UART3.TXD
A
I/O
VBUS
2
R11
ID
A
I/O
VBUS
2
L15
UCLK
D
I
IO_1P8
16
STP
D
I
IO_1P8
16
L14
75
100
202
59
100
144
GPIO9
D
I/O
IO_1P8
2
DIR
D
O
IO_1P8
16
L13
75
100
202
59
100
144
GPIO10
D
I/O
IO_1P8
2
Copyright © 2008–2011, Texas Instruments Incorporated
Terminal Description
17
Submit Documentation Feedback
Product Folder Link(s): TPS65950



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com