Electronic Components Datasheet Search
  English  ▼

X  

EP2C8 Datasheet(PDF) 106 Page - Altera Corporation

Part # EP2C8
Description  Section I. Cyclone II Device Family Data Sheet
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8 Datasheet(HTML) 106 Page - Altera Corporation

Back Button EP2C8 Datasheet HTML 102Page - Altera Corporation EP2C8 Datasheet HTML 103Page - Altera Corporation EP2C8 Datasheet HTML 104Page - Altera Corporation EP2C8 Datasheet HTML 105Page - Altera Corporation EP2C8 Datasheet HTML 106Page - Altera Corporation EP2C8 Datasheet HTML 107Page - Altera Corporation EP2C8 Datasheet HTML 108Page - Altera Corporation EP2C8 Datasheet HTML 109Page - Altera Corporation EP2C8 Datasheet HTML 110Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 168 page
background image
5–16
Altera Corporation
Cyclone II Device Handbook, Volume 1
February 2008
Timing Specifications
Memory
M4K
block
Simple dual-port RAM 128 × 36 bit
(3), (5)
0
1
0
235.29
194.93
163.13
163.13
True dual-port RAM 128 × 18 bit
(3), (5)
0
1
0
235.29
194.93
163.13
163.13
FIFO 128 × 16 bit
(5)
32
1
0
235.29
194.93
163.13
163.13
Simple dual-port RAM 128 × 36 bit
(4),(5)
0
1
0
210.08
195.0
163.02
163.02
True dual-port RAM 128x18 bit
(4),(5)
0
1
0
163.02
163.02
163.02
163.02
DSP
block
9 × 9-bit multiplier (2)
0
0
1
260.01
216.73
180.57
180.57
18 × 18-bit multiplier (2)
0
0
1
260.01
216.73
180.57
180.57
18-bit, 4 tap FIR filter
113
0
8
182.74
147.47
127.74
122.98
Larger
Designs
8-bit, 16 tap parallel FIR filter
52
0
4
153.56
131.25
110.44
110.57
8-bit, 1024 pt, Streaming,
3 Mults/5 Adders FFT function
3191
22
9
235.07
195.0
147.51
163.02
8-bit, 1024 pt, Streaming,
4 Mults/2 Adders FFT function
3041
22
12
235.07
195.0
146.3
163.02
8-bit, 1024 pt, Single Output,
1 Parallel FFT Engine, Burst,
3 Mults/5 Adders FFT function
1056
5
3
235.07
195.0
147.84
163.02
8-bit, 1024 pt, Single Output,
1 Parallel FFT Engine, Burst,
4 Mults/2 Adders FFT function
1006
5
4
235.07
195.0
149.99
163.02
8-bit, 1024 pt, Single Output,
2 Parallel FFT Engines, Burst,
3 Mults/5 Adders FFT function
1857
10
6
200.0
195.0
149.61
163.02
8-bit, 1024 pt, Single Output,
2 Parallel FFT Engines, Burst,
4 Mults/2 Adders FFT function
1757
10
8
200.0
195.0
149.34
163.02
8-bit, 1024 pt, Quad Output,
1 Parallel FFT Engine, Burst,
3 Mults/5 Adders FFT function
2550
10
9
235.07
195.0
148.21
163.02
Table 5–15. Cyclone II Performance (Part 2 of 4)
Applications
Resources Used
Performance (MHz)
LEs
M4K
Memory
Blocks
DSP
Blocks
–6
Speed
Grade
–7
Speed
Grade
(6)
–7
Speed
Grade
(7)
–8
Speed
Grade



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com