Electronic Components Datasheet Search
  English  ▼

X  

AS8202NF Datasheet(PDF) 7 Page - ams AG

Part # AS8202NF
Description  TTP-C2NF Communication Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8202NF Datasheet(HTML) 7 Page - ams AG

Back Button AS8202NF Datasheet HTML 3Page - ams AG AS8202NF Datasheet HTML 4Page - ams AG AS8202NF Datasheet HTML 5Page - ams AG AS8202NF Datasheet HTML 6Page - ams AG AS8202NF Datasheet HTML 7Page - ams AG AS8202NF Datasheet HTML 8Page - ams AG AS8202NF Datasheet HTML 9Page - ams AG AS8202NF Datasheet HTML 10Page - ams AG AS8202NF Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
TTP-C2NF Communication Controller – Data Sheet
AS8202NF
Rev. 1.7, Copyright 2000-2007, austriamicrosystems AG and TTChip Entwicklungsgesellschaft mbH. All rights reserved.
6
4 . P i n As s i g n m e n t
VSS
VDD
VSS
XIN0
nc
XOUT0
TXD0
VDDPLL
CTS0
RXER0
TXCLK0
RXCLK0
RXD0
RXDV0
VDD
TXD1
VSS
CTS1
RXER1
TXCLK1
RXCLK1
RXD1
RXDV1
D7
D5
D6
D4
D2
D3
D1
D0
VDD
A10
A11
A9
A7
A8
A6
VSS
A5
1
20
21
40
41
60
61
80
AS8202NF
TTP
Communications
Controller
(TOP VIEW)
Figure 2. LQFP 80 Pin Package and Pin Assignment
5 . P i n D e s c r i p t i o n
Pin
Name
Dir
Function
12,29,49,59,74
VDD
P
Positive Power Supply
13,30,41,50,60,75
VSS
P
Negative Power Supply
70
VDDBG
P
Positive Power Supply for Bus Guardian (connect to VDD)
73
VSSBG
P
Negative Power Supply for Bus Guardian (connect to VSS)
4
VDDPLL
P
Positive Power Supply for Main Clock PLL (connect to VDD)
80
VSSPLL
P
Negative Power Supply for Main Clock PLL (connect to VSS)
21
RAM_CLK_TESTSE
IPD
RAM_CLK when STEST='0' and USE_RAM_CLK='1', else Test Input, connect to
VSS if not used
22
STEST
IPD
Test Input, connect to VSS
24
FTEST
IPD
Test Input, connect to VSS
25
FIDIS
IPD
Test Input, connect to VSS
61
TTEST
IPU
Test Input, connect to VDD
34
USE_RAM_CLK
IPD
RAM_CLK Pin Enable, connect to VSS if not used
2
XIN0
A
Main Clock: Analog CMOS Oscillator Input, use as input when providing external
clock
3
XOUT0
A
Main Clock: Analog CMOS Oscillator Ouptut, leave open when providing external
clock
23
PLLOFF
IPD
Main Clock PLL Disable Pin, connect to VSS when providing 10 MHz crystal for
enabling the internal PLL
72
XIN1
A
Bus Guardian Clock: Analog CMOS Oscillator Input, use as input when providing
external clock
71
XOUT1
A
Bus Guardian Clock: Analog CMOS Oscillator Output, leave open when providing
external clock
26
RESETB
IPU
Main Reset Input, active low
5
TXD0
OPU
TTP Bus Channel 0: Transmit Data
6
CTS0
OPD
TTP Bus Channel 0: Transmit Enable
11
RXD0
IPU
TTP Bus Channel 0: Receive Data
7
TXCLK0
IPD
TTP Bus Channel 0: Transmit Clock (MII mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com