Electronic Components Datasheet Search
  English  ▼

X  

AS8202NF Datasheet(PDF) 9 Page - ams AG

Part # AS8202NF
Description  TTP-C2NF Communication Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8202NF Datasheet(HTML) 9 Page - ams AG

Back Button AS8202NF Datasheet HTML 5Page - ams AG AS8202NF Datasheet HTML 6Page - ams AG AS8202NF Datasheet HTML 7Page - ams AG AS8202NF Datasheet HTML 8Page - ams AG AS8202NF Datasheet HTML 9Page - ams AG AS8202NF Datasheet HTML 10Page - ams AG AS8202NF Datasheet HTML 11Page - ams AG AS8202NF Datasheet HTML 12Page - ams AG AS8202NF Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
TTP-C2NF Communication Controller – Data Sheet
AS8202NF
Rev. 1.7, Copyright 2000-2007, austriamicrosystems AG and TTChip Entwicklungsgesellschaft mbH. All rights reserved.
8
Ambient Temperature1
TA
-40
125
°C
Static Supply Current
IDDs
all inputs tied to VDD/VSS, clocks
stopped, exclusive of I/O drive
requirements, VDD=3.6V
5
900
µA
Operating Supply Current2
IDD
VDD=3.3V, PLL active, exclusive of I/O
drive requirements
1004
mA
CLK0_ext_PLL PLL active3
100
ns
Clock Period of Main Clock (external) 2
CLK0_ext
PLL inactive
25
ns
Clock Period of Bus Guardian Clock2
CLK1
62.5
ns
Note 1: The input and output parameter values in this table are directly related to ambient temperature and DC supply voltage. A temperature range
other than Tamin to Tamax or a supply voltage range other than VDDmin to VDDmax will affect these values and must be evaluated on its own.
Note 2: Typical values: CLK0=40 MHz, CLK1=16 MHz
Note 3: Using the internal PLL multiplies the main clock frequency by 4.
Note 4: To be defined
6.3. DC Electrical Characteristics
TTL Input Pins and TTL Bidirectional Pins in Input/Tristate Mode
Parameter
Symbol
Conditions
Min1
Typ
Max1
Unit
Input Low Voltage
Vil
0.8
V
Input High Voltage
Vih
2.0
V
Input Leakage Current
Iin
Pins without pad resistors, VDD=3.6V
±1
µA
Vin=0.4V
4.93
Pins with pull-
down resistors
VDD=3.0V
Vin=0.8V
8.83
Input Low Current
Iil
Pins with pull-up
resistors
VDD=3.6V
Vin=0V
-15
-75
µA
Pins with pull-
down resistors
VDD=3.6V
Vin=3.6V
15
75
Vin=2.0V
-10.73
Input High Current
Iih
Pins with pull-up
resistors
VDD=3.0V
Vin=2.5V
-63
µA
Input Capacitance
Cin
4.52
pF
CMOS Inputs (XIN), drive from external clock generator
Drive at XIN (XOUT = open)
Parameter
Symbol
Conditions
Min 1
Typ
Max 1
Unit
Input Capacitance
C_xin
Input slope 2ns, Vil=0V, Vih=3.3V,
VDD=3.3V
1.9
2.5
pF
Input Current
Iin_xin
±12
µA
Input Low Voltage
Vil_xin
0
0.3*VDD
V
Input High Voltage
Vih_xin
0.7*VDD
VDD
V
Outputs and TTL Bidirectional Pins in Output Mode
Parameter
Symbol
Conditions
Min 1
Typ
Max 1
Unit
Output Low Current
Iol
VDD=3.0V, Vo = 0.4V
-4
mA
Output High Current
Ioh
VDD=3.0V, Vo = 2.5V
4
mA
Output Tristate Current
Ioz
VDD=3.6V
±102
µA
TXD[1,0], CTS[1,0],
LED[2:0], INTB
8.13
Transition Time – Rise
Tr
T(Vout=0.1*VDD)
to
T(Vout=0.9*VDD)
T = 125 °C,
Slow Process,
VDD=3.0V,
Cload=35pF
D[15:0], READYB
8.93
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com