Electronic Components Datasheet Search
  English  ▼

X  

AS8202NF Datasheet(PDF) 17 Page - ams AG

Part # AS8202NF
Description  TTP-C2NF Communication Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8202NF Datasheet(HTML) 17 Page - ams AG

Back Button AS8202NF Datasheet HTML 13Page - ams AG AS8202NF Datasheet HTML 14Page - ams AG AS8202NF Datasheet HTML 15Page - ams AG AS8202NF Datasheet HTML 16Page - ams AG AS8202NF Datasheet HTML 17Page - ams AG AS8202NF Datasheet HTML 18Page - ams AG AS8202NF Datasheet HTML 19Page - ams AG AS8202NF Datasheet HTML 20Page - ams AG AS8202NF Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
TTP-C2NF Communication Controller – Data Sheet
AS8202NF
Rev. 1.7, Copyright 2000-2007, austriamicrosystems AG and TTChip Entwicklungsgesellschaft mbH. All rights reserved.
16
and to be gluelessly compatible with the commercial 100 Mbit/s Ethernet MII (Media
Independent Interface) according to IEEE standard 802.3 (Ethernet CSMA/CD).
Connecting the synchronous TTP bus unit to a 100 Mbit/s Ethernet PHY is done by connecting
TXD, CTS, TXCLK, RXER, RXCLK, RXDV and RXD of any channel to TXD0, TXEN, TXCLK,
RXER, RXCLK, RXDV and RXD0 of the PHY's MII. The pins TXD1, TXD2 and TXD3 of the
PHY's MII should be linked to VSS. The signals RXD1, RXD2, RXD3, COL and CRS as well as
the MMII (Management Interface) should be left open or can be used for diagnostic purposes
by the application.
Note that the frames sent by the AS8202NF are not Ethernet compatible and that an Ethernet
Hub (not a Switch) can be used as a 'star coupler' for proper operation. Also note that the
Ethernet PHY must be configured for Full Duplex operation (even though the Hub does not
support full duplex), because TTP has its own collision management that should not interfere
with the PHY's Half-Duplex collision management. In general, the PHY must not be configured
for automatic configuration ('Auto negotiation') but be hard-configured for 100 Mbit/s, Full
Duplex operation. Note that to run the interface at a rate other than 25 Mbit/s other transceiver
PHY components have to be used.
Pin Name
Mode
Connect to PHY
Comment
TXD[0]
out
TXD0
Transmit data channel 0
CTS[0]
out
TXEN
Transmit enable channel 0
TXCLK[0]
in
TXCLK
Transmit clock channel 0
RXER[0]
in
RXER
Receive error channel 0
RXCLK[0]
in
RXCLK
Receive clock channel 0
RXDV[0]
in
RXDV
Receive data valid channel 0
RXD[0]
in
RXD0
Receive data channel 0
TXD[1]
out
TXD0
Transmit data channel 1
CTS[1]
out
TXEN
Transmit enable channel 1
TXCLK[1]
in
TXCLK
Transmit clock channel 1
RXER[1]
in
RXER
Receive error channel 1
RXCLK[1]
in
RXCLK
Receive clock channel 1
RXDV[1]
in
RXDV
Receive data valid channel 1
RXD[1]
in
RXD0
Receive data channel 1
8.6.
Test Interface
The Test Interface supports the manufacturing test and characterization of the chip. In the
application environment test pins have to be connected as following:
STEST, FTEST, FIDIS: connect to VSS
TTEST: connect to VDD
Warning: Any other connection of these pins may cause permanent damage to
the device and to additional devices of the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com