Electronic Components Datasheet Search
  English  ▼

X  

AS8202NF Datasheet(PDF) 10 Page - ams AG

Part # AS8202NF
Description  TTP-C2NF Communication Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8202NF Datasheet(HTML) 10 Page - ams AG

Back Button AS8202NF Datasheet HTML 6Page - ams AG AS8202NF Datasheet HTML 7Page - ams AG AS8202NF Datasheet HTML 8Page - ams AG AS8202NF Datasheet HTML 9Page - ams AG AS8202NF Datasheet HTML 10Page - ams AG AS8202NF Datasheet HTML 11Page - ams AG AS8202NF Datasheet HTML 12Page - ams AG AS8202NF Datasheet HTML 13Page - ams AG AS8202NF Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
TTP-C2NF Communication Controller – Data Sheet
AS8202NF
Rev. 1.7, Copyright 2000-2007, austriamicrosystems AG and TTChip Entwicklungsgesellschaft mbH. All rights reserved.
9
TXD[1,0], CTS[1,0],
LED[2:0], INTB
63
Transition Time – Fall
Tf
T(Vout=0.9*VDD)
to
T(Vout=0.1*VDD)
T = 125 °C,
Slow Process,
VDD=3.0V,
Cload=35pF
D[15:0], READYB
73
ns
Note 1: If Min/Max values are both negative, they are ordered according to their absolute value.
Note 2: Typical value, not tested during production.
Note 3: Implicitly tested.
8 . Ap p l i c a t i o n I n f o r m a t i o n
8.1.
Host CPU Interface
The host CPU interface, also referred to as CNI (Communication Network Interface), connects
the application circuitry to the AS8202NF TTP controller. All related signal pins provide an
asynchronous read/write access to a dual ported RAM located in the AS8202NF. There are no
setup/hold constraints referring to the microtick (main clock “CLK0”).
All accesses have to be executed on a granularity of 16 bit (2 byte), the device does not
support byte-wide accesses. Pin A0 (LSB) of the device differentiates even and odd 16 bit word
addresses and is typically connected to A1 of a little-endian host CPU. A0 of the host CPU is
not connected to the device, and the application/driver on the host CPU should force all
accesses to be 16 bit. For efficiency reasons, the host CPU appliation/driver may access some
memory locations of the AS8202NF using wider accesses (e.g. 32 bit), and the bus interface of
the host CPU will automatically split the access into two consecutive 16-bit wide accesses to
the TTP controller. Note that particularly in such a setup all timing parameters of the host CPU
interface must be met, especially the inactivity timeouts described as symbols 16–19.
The host interface features an interrupt or time signal INTB to notify the application circuitry of
programmed and protocol-specific, synchronous and asynchronous events.
The host CPU interface allows access to the internal instruction code memory. This is required
for proper loading of the protocol execution code into the internal instruction code RAM, for
extensive testing of the instruction code RAM and for verifying the instruction code ROM
contents.
INTB is an open-drain output, i.e. the output is only driven to '0' and is weak-pull-up at any
other time, so external pull-up resistors or transistors may be necessary depending on the
application.
READYB is also an open-drain output, but with a possibility to be driven to ‘1’ for a defined time
(selectable by register) before weak-pull-up at any other time.
The LED port is software-configurable to automatically show some protocol-related states and
events, see below for the LED port configuration.
Host Interface Ports
Pin Name
Mode
Width
Comment
A[11:0]
in
12
CNI address bus, 12 bit (A0 is LSB)
D[15:0]
inout (tri)
16
CNI data bus, 16 bit (D0 is LSB)
CEB
in
1
CNI chip enable, active low
WEB
in
1
CNI write enable, active low
OEB
In
1
CNI output enable, active low
READYB
out (open drain)
1
CNI ready, active low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com