Electronic Components Datasheet Search
  English  ▼

X  

AS8202NF Datasheet(PDF) 6 Page - ams AG

Part # AS8202NF
Description  TTP-C2NF Communication Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8202NF Datasheet(HTML) 6 Page - ams AG

Back Button AS8202NF Datasheet HTML 2Page - ams AG AS8202NF Datasheet HTML 3Page - ams AG AS8202NF Datasheet HTML 4Page - ams AG AS8202NF Datasheet HTML 5Page - ams AG AS8202NF Datasheet HTML 6Page - ams AG AS8202NF Datasheet HTML 7Page - ams AG AS8202NF Datasheet HTML 8Page - ams AG AS8202NF Datasheet HTML 9Page - ams AG AS8202NF Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
TTP-C2NF Communication Controller – Data Sheet
AS8202NF
Rev. 1.7, Copyright 2000-2007, austriamicrosystems AG and TTChip Entwicklungsgesellschaft mbH. All rights reserved.
5
2 . B e n e f i ts
The AS8202NF provides support for fault-tolerant, high-speed bus systems in a single device.
The communication controller is qualified for the full temperature range required for automotive
applications and is certifiable according to RTCA standards. It offers superior reliability and
supports data transfer rates of 25 Mbit/s with MII and up to 5 Mbit/s with MFM/Manchester. The
AS8202NF is the first TTP controller to support both MFM and Manchester coding. Manchester
coding is important for DC-free data transmission, which allows the use of transformers in the
data stream. The AS8202NF is pin-compatible with its predecessor, the AS8202.
3 . K e y F e a t u r e s
• Dedicated controller supporting TTP (time-triggered protocol class C)
• Suited for dependable distributed real-time systems with guaranteed response time
• Application fields: automotive (by-wire braking, steering, vehicle dynamics control, drive
train control), aerospace (aircraft electronic systems), industrial systems, railway systems
• Asynchronous data rate up to 5 Mbit/s (MFM / Manchester)
• Synchronous data rate 5 to 25 Mbit/s
• Bus interface (speed, encoding) for each channel selectable independently
• 40 MHz main clock with support for 10 MHz crystal, 10 MHz oscillator or 40 MHz oscillator
• 16 MHz bus guardian clock with support for 16 MHz crystal or 16 MHz oscillator
• Single power supply 3.3V, 0.35µm CMOS process
• Full automotive temperature range (-40°C to 125°C)
• 16k x 16 SRAM for message, status, control area (communication network interface) and
for scheduling information (MEDL)
• 4k x 16 (plus parity) instruction code RAM for protocol execution code
• Data sheet conforms to protocol revision 2.03
• 16k x 16 instruction code ROM containing startup execution code and deprecated protocol
code revision 1.00
• 16 Bit non-multiplexed asynchronous host CPU interface
• 16 Bit RISC architecture
• Software tools, design support, development boards available (www.tttech.com)
• 80 pin LQFP80 Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com