Electronic Components Datasheet Search
  English  ▼

X  

AS8202NF Datasheet(PDF) 18 Page - ams AG

Part # AS8202NF
Description  TTP-C2NF Communication Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8202NF Datasheet(HTML) 18 Page - ams AG

Back Button AS8202NF Datasheet HTML 14Page - ams AG AS8202NF Datasheet HTML 15Page - ams AG AS8202NF Datasheet HTML 16Page - ams AG AS8202NF Datasheet HTML 17Page - ams AG AS8202NF Datasheet HTML 18Page - ams AG AS8202NF Datasheet HTML 19Page - ams AG AS8202NF Datasheet HTML 20Page - ams AG AS8202NF Datasheet HTML 21Page - ams AG AS8202NF Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
TTP-C2NF Communication Controller – Data Sheet
AS8202NF
Rev. 1.7, Copyright 2000-2007, austriamicrosystems AG and TTChip Entwicklungsgesellschaft mbH. All rights reserved.
17
8.7.
LED Signals
The LED port consists of three pins. Via the MEDL each of these pins can be independently
configured for any of the three modes of operation. At Power-Up and after Reset the LED port
is inactive and only weak pull-down resistors are connected. After the controller is switched on
by the host and when it is processing its initialization, the LED port is initialized to the selected
mode of operation.
Pin Name
Protocol Mode
Timing Mode
Bus Guardian Mode
LED2
RPV1 or
Protocol activity7
Time Overflow2
Action Time4
LED1
Sync Valid8
Time Tick2
BDE15
LED0
Protocol activity6 or
RPV7
Microtick3
BDE05
Note 1: RPV is Remote Pin Voting. RPV is a network-wide agreed signal used typically for agreed power-up or power-down of the application's external
drivers.
Note 2: Time Overflow is active for one clock cycle at the event of an overflow of the internal 16-bit time counter. Time Tick is active for one clock cycle
when the internal time is counted up. Time Overflow and Time Tick can be used to externally clone the internal time control unit (TCU). With
this information the application can precisely sample and trigger events, for example.
Note 3: Microtick is the internal main clock signal.
Note 4: Action Time signals the start of a bus access cycle.
Note 5: BDE0 and BDE1 show the Bus Guardian's activity, '1' signals an activated transmitter gate on the respective channel.
Note 6: Protocol activity is typically connected to an optical LED. The flashing frequency and rhythm give a simple view to the internal TTP protocol
state.
Note 7: LED2's RPV mode and LED0's Protocol activity mode can be swapped with a MEDL parameter.
Note 8: The controller sets this output when cluster synchronization is achieved (after integration from the LISTEN state, after acknowledge in the
COLDSTART state).
Each LED pin can be configured to be either a push/pull driver (drives both LOW and HIGH) or
to be only an open-drain output (drives only LOW).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com