Electronic Components Datasheet Search
  English  ▼

X  

AS8202NF Datasheet(PDF) 24 Page - ams AG

Part # AS8202NF
Description  TTP-C2NF Communication Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8202NF Datasheet(HTML) 24 Page - ams AG

Back Button AS8202NF Datasheet HTML 17Page - ams AG AS8202NF Datasheet HTML 18Page - ams AG AS8202NF Datasheet HTML 19Page - ams AG AS8202NF Datasheet HTML 20Page - ams AG AS8202NF Datasheet HTML 21Page - ams AG AS8202NF Datasheet HTML 22Page - ams AG AS8202NF Datasheet HTML 23Page - ams AG AS8202NF Datasheet HTML 24Page - ams AG AS8202NF Datasheet HTML 25Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
TTP-C2NF Communication Controller – Data Sheet
AS8202NF
Rev. 1.7, Copyright 2000-2007, austriamicrosystems AG and TTChip Entwicklungsgesellschaft mbH. All rights reserved.
23
Document Revision History
R
Reevviissiio
on
n
D
Daattee
M
Mo
od
diiffiiccaattiio
on
n
A
Au
utth
ho
orr
0.1
Dec. 17, 2002
Initial release
Matthias Wächter,
Rastislav Hindak
0.2
Dec. 18, 2002
a) Updated austriamicrosystems’ logo (front page
and header on each page).
b) The expected maximum current is now 95 mA
instead of 65 mA. The actual tested limits will be
given by austriamicrosystems after the first test
runs.
Matthias Wächter
0.3
Jan. 9, 2003
a) “HBM: R=1.5KOhm, C=100pF” changed to
“HBM: 1KV Mil.std.883, Method 3015.7”
b) Operating Supply Current changed to: Imin=- ,
Imax=~90mA (TBD)
c) Soldering Temperature changed from 260C to
235C
d) Updated austriamicrosystems’ logo (front page
and header on each page).
e) Updated input current values
Rastislav Hindak
0.4
Jan. 20, 2003
Feature Comparison AS8202 <-> AS8202NF added
Rastislav Hindak
0.4.5
Feb. 3, 2003
CEB, OEB to READYB (Read Access Time) – min.
= 1 Tc changed to 1.5 Tc (37.5 ns)
Asynchronous and synchronous definition of
READYB signal changed.
Rastislav Hindak
0.5
Feb. 5, 2003
Renamed TXPADSOFF pin with TTEST, removed
all TXPADSOFF feature description.
Synchronous READYB generation added.
Matthias Wächter
Rastislav Hindak
0.6
Feb. 10, 2003
Added timing for synchronous READYB
Figure 3. & 4. updated
Added max. current for weak-pull input/bidir pads
Redraw tables, removed typos
Updated Host Access inactivity time
Matthias Wächter
Rastislav Hindak
0.7
Mar. 13, 2003
Input currents at XIN and XOUT updated
Rastislav Hindak
Mar. 14, 2003
Note 2 on page 7 changed from “Values not tested,
guaranteed by design” to “Typical value, not tested
during production”.
Supply voltage slope updated.
Rastislav Hindak
0.8
Apr. 3, 2003
Appendix – Bug List added
Updated protocol code handling
Removed oscillator driving at XOUT
Rastislav Hindak
Matthias Wächter
0.9
Apr. 8, 2003
DC Electrical Characteristics: TTL Input Pins and
TTL Bidirectional Pins in Input/Tristate Mode &
Outputs and TTL Bidirectional Pins in Output Mode
updated, Transition times added, Note 3 added.
Integrated Power-On Reset – supply voltage slope:
Note 1 added.
Host Read Access Inactivity drawing added.
Rastislav Hindak
Apr. 16, 2003
DC Electrical Characteristics: Outputs and TTL
Bidirectional Pins in Output Mode: Cload changed
from 40 pF to 35 pF.
Oscillator circuitry: oscillation margins added.
Rastislav Hindak
Apr. 24, 2003
DC Electrical Characteristics: Outputs and TTL
Bidirectional Pins in Output Mode: Parameter
Output Low/High Voltage removed. Asynchronous
DPRAM interface: common note added.
Rastislav Hindak
1.0
May 23, 2003
Added note for clock requirement when using
external oscillator and internal PLL
Matthias Wächter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com