Electronic Components Datasheet Search
  English  ▼

X  

AS8202NF Datasheet(PDF) 12 Page - ams AG

Part # AS8202NF
Description  TTP-C2NF Communication Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8202NF Datasheet(HTML) 12 Page - ams AG

Back Button AS8202NF Datasheet HTML 8Page - ams AG AS8202NF Datasheet HTML 9Page - ams AG AS8202NF Datasheet HTML 10Page - ams AG AS8202NF Datasheet HTML 11Page - ams AG AS8202NF Datasheet HTML 12Page - ams AG AS8202NF Datasheet HTML 13Page - ams AG AS8202NF Datasheet HTML 14Page - ams AG AS8202NF Datasheet HTML 15Page - ams AG AS8202NF Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
TTP-C2NF Communication Controller – Data Sheet
AS8202NF
Rev. 1.7, Copyright 2000-2007, austriamicrosystems AG and TTChip Entwicklungsgesellschaft mbH. All rights reserved.
11
Asynchronous DPRAM interface
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Controller Cycle Time
Tc
25
ns
1a
A[11:0]
Input Valid to CEB, WEB (Setup Time)
2a
D[15:0]
5
ns
1b
A[11:0]
3
CEB, WEB to Input Invalid (Hold Time)
2b
D[15:0]
4
ns
Input Rising to CEB, WEB Falling
3
CEB, WEB, OEB
5
1,2
ns
CEB, WEB Rising to Input Falling
4
CEB, WEB, OEB
5
1,2
ns
Write Access Time (CEB, WEB to
READYB)
5
min = 1 Tc, max = 4 Tc
25
100
ns
CEB, WEB de-asserted to READYB de-
asserted
6
9.4
ns
Input Valid to CEB, OEB (Setup Time)
7a
A[11:0]
5
ns
CEB, OEB to Input Invalid (Hold Time)
7b
A[11:0]
2
ns
Input Rising to CEB, OEB Falling
8
CEB, WEB, OEB
5
1
ns
CEB, OEB Rising to Input Falling
9
CEB, WEB, OEB
5
1
ns
Read Access Time (CEB, OEB to
READYB)
10
min = 1.5 Tc, max = 8 Tc
37.5
200
ns
CEB, OEB asserted to signal asserted
11a
D[15:0]
4.0
8.4
ns
11b
D[15:0]
3.8
8
CEB, OEB de-asserted to signal de-
asserted
11c
READYB
8.8
ns
READYB, D skew
12
±2
ns
RAM_CLK_TESTSE Rising to READYB
Falling
13
USE_RAM_CLK='1'
3.7
13.5
ns
RAM_CLK_TESTSE Rising to READYB
Rising
14
USE_RAM_CLK='1'
3
9.7
ns
Ready delay='00'
3.6
12.9
Ready delay='01'
4.5
15.4
Ready delay='10'
5.4
18.8
RAM_CLK_TESTSE Rising to READYB
Deactivated 1->Z
15
USE_RAM_CLK
='1'
Ready delay='11'
6.4
22.2
ns
Read to Read Access Inactivity Time
(CEB, OEB low to CEB, OEB low)
16
min = 1.5 Tc
37.5
1
ns
Read to Write Access Inactivity Time
(CEB, OEB low to CEB, WEB low)
17
5
1
ns
Write to Write Access Inactivity Time
(CEB, WEB low to CEB, WEB low)
18
5
1,2
ns
Write to Read Access Inactivity Time
(CEB, WEB low to CEB, OEB low)
19
5
1,2
ns
Note 1: Prior to starting a read or write access, CEB, WEB and OEB have to be stable for at least 5 ns (see symbol 3, 4, 8, 9). In addition the designer
has to consider the minimum inactivity time according to symbols 16, 17, 18, 19. See Figure 3 for more information on the inactivity times.
Note 2: To allow proper internal initialization, after finishing any write access (CEB or WEB is high) to the internal CONTROLLER_ON register, CEB
OEB and WEB have to be stable high within 200 ns ( min = 8 Tc).
Note:
All values not tested during production, guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com