Electronic Components Datasheet Search
  English  ▼

X  

AS8506 Datasheet(PDF) 67 Page - ams AG

Part # AS8506
Description  Battery Cell Monitor and Balancer IC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8506 Datasheet(HTML) 67 Page - ams AG

Back Button AS8506 Datasheet HTML 63Page - ams AG AS8506 Datasheet HTML 64Page - ams AG AS8506 Datasheet HTML 65Page - ams AG AS8506 Datasheet HTML 66Page - ams AG AS8506 Datasheet HTML 67Page - ams AG AS8506 Datasheet HTML 68Page - ams AG AS8506 Datasheet HTML 69Page - ams AG AS8506 Datasheet HTML 70Page - ams AG AS8506 Datasheet HTML 71Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 89 page
background image
ams Datasheet, Confidential:2013-Sep [1-00]
AS8506 – 67
Devic e I n te r f ac e
Figure 77:
Timer Control Register
Figure 78:
Reference DAC Code LSB Register
Address
Register Name
Features and Bit Description
SPI4
SPI3
POR
Value
0x1E
timer_cntl_reg
D2:D0
000
→ 25% duty cycle
001
→ 15% duty cycle
010
→ 20% duty cycle
011
→ 30% duty cycle
100
→ 35% duty cycle
101
→ 40% duty cycle
110
→ 45% duty cycle
111
→ 50% duty cycle
R/W
R/W
0000_0000
POR_VSUP
D4:D3
00
→ 1s time slot
01
→ 8s time slot
10
→ 16s time slot
11
→ 32s time slot
D6:D5
00
→ 100 KHz
01
→ 25 KHz
10
→ 50 KHz
11
→ 200 KHz
D7
0
→ 5 clock cycles for
comparator
1
→ 15 clock cycles for
comparator
Address
Register Name
Features and Bit Description
SPI4
SPI3
POR
Value
0x1F
ref_dcod_lsb_reg
Least Significant byte of 12-bit DAC
code for setting reference voltage.
R/W
R/W
0000_0000
POR_VSUP
D7:D0
Bit7 to Bit0 of DAC
code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com