Electronic Components Datasheet Search
  English  ▼

X  

AS8506 Datasheet(PDF) 43 Page - ams AG

Part # AS8506
Description  Battery Cell Monitor and Balancer IC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8506 Datasheet(HTML) 43 Page - ams AG

Back Button AS8506 Datasheet HTML 39Page - ams AG AS8506 Datasheet HTML 40Page - ams AG AS8506 Datasheet HTML 41Page - ams AG AS8506 Datasheet HTML 42Page - ams AG AS8506 Datasheet HTML 43Page - ams AG AS8506 Datasheet HTML 44Page - ams AG AS8506 Datasheet HTML 45Page - ams AG AS8506 Datasheet HTML 46Page - ams AG AS8506 Datasheet HTML 47Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 89 page
background image
ams Datasheet, Confidential:2013-Sep [1-00]
AS8506 – 43
Devic e I n te r f ac e
In case of SPI block read operation, first data byte is read from
addressed register same as single byte read operation. After
first data byte read, Master can read next consecutive addressed
data by keeping CS ‘Low’ and giving clock on SCLK as per clock
polarity selection. At the end of every eighth data bit, the
address pointer is incremented to next consecutive address
location. In this way Master can continue reading from
consecutive register address locations. The waveform is shown
in Figure 37.
Figure 37:
SPI Block Read Operation with Negative Clock Polarity
Address Allocation Process
During the system configuration the microcontroller has to
allocate a unique address to each of the AS8506 devices
including the Master to communicate with SPI3. The
microcontroller before initiating the address allocation process,
it writes top most device address into allcd_dev_add_reg of the
Master through 4-wire SPI. The microcontroller can initiate the
address allocation process by writing ‘100’ command code and
setting D0 to 1 in spi3_cmd_reg register. By sighting ‘1’ at
spi3_cmd_reg [0], the Master initiates a SPI3 address allocation
write with top most device address as data. The address
“000000” is reserved as broadcast address visible to all devices.
The address allocation process is explained for six AS8506
devices (including Master) stack system in Figure 38.
CS
SCLK
SDI
SDIO
1
0
A
4
A
0
A
1
A
2
A
3
D
0
D
1
D
2
D
3
D
4
D
5
D
7
D
6
D
0
D
1
D
2
D
3
D
4
D
5
D
6
D
0
D
1
D
2
D
3
D
4
D
5
D
6
D
7
D
7
D
0
D
1
D
2
D
3
D
4
D
5
D
6
D
7
D
0
D
1
D
2
D
3
D
4
D
5
D
6
D
7
Data D7-D0 at
Address A5-A0
is read here
Data D7-D0 at
Address A5-A0 +1
is read here
Data D7-D0 at
Address A5-A0 +2
is read here
Data D7-D0 at
Address A5-A0 +3
is read here
Data D7-D0 at
Address A5-A0 +4
is read here
5
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com