Electronic Components Datasheet Search
  English  ▼

X  

AS8506 Datasheet(PDF) 50 Page - ams AG

Part # AS8506
Description  Battery Cell Monitor and Balancer IC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8506 Datasheet(HTML) 50 Page - ams AG

Back Button AS8506 Datasheet HTML 46Page - ams AG AS8506 Datasheet HTML 47Page - ams AG AS8506 Datasheet HTML 48Page - ams AG AS8506 Datasheet HTML 49Page - ams AG AS8506 Datasheet HTML 50Page - ams AG AS8506 Datasheet HTML 51Page - ams AG AS8506 Datasheet HTML 52Page - ams AG AS8506 Datasheet HTML 53Page - ams AG AS8506 Datasheet HTML 54Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 89 page
background image
AS8506 – 50
ams Datasheet, Confidential:2013-Sep [1-00]
Devic e I n te r f ac e
SPI Protocol
Figure 45:
SPI Timing Parameters
Symbol
Parameter
Min
Typ
Max
Unit
Note
General
BRSPI
Bit rate
1
Mbps
TSCLKH
Clock high time
400
ns
TSCLKL
Clock low time
400
ns
Write Operation Parameters
tDIS
Data in setup
time
20
ns
tDIH
Data in hold time
20
ns
TCSH
SCSN hold time
20
ns
Read Operation Parameters
tDOD
Data out delay
80
ns
tDOHZ
Data out to high
impedance delay
80
ns
Time for the SPI to release
the SDO bus
Timing Parameters for SCLK Polarity Identification
tCPS
Clock setup time
(CLK polarity)
20
ns
Setup time of SCLK with
respect to SCSN falling
edge.
tCPHD
Clock hold time
(CLK polarity)
20
ns
Hold time of SCLK with
respect to SCSN falling
edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com