Electronic Components Datasheet Search
  English  ▼

X  

AS8506 Datasheet(PDF) 58 Page - ams AG

Part # AS8506
Description  Battery Cell Monitor and Balancer IC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8506 Datasheet(HTML) 58 Page - ams AG

Back Button AS8506 Datasheet HTML 54Page - ams AG AS8506 Datasheet HTML 55Page - ams AG AS8506 Datasheet HTML 56Page - ams AG AS8506 Datasheet HTML 57Page - ams AG AS8506 Datasheet HTML 58Page - ams AG AS8506 Datasheet HTML 59Page - ams AG AS8506 Datasheet HTML 60Page - ams AG AS8506 Datasheet HTML 61Page - ams AG AS8506 Datasheet HTML 62Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 89 page
background image
AS8506 – 58
ams Datasheet, Confidential:2013-Sep [1-00]
Devic e I n te r f ac e
Figure 53:
Zero Cross Status Register
Address
Register Name
Features and Bit Description
SPI4
SPI3
POR
Value
0x06
zero_crs_stat_reg
Indicates which cell voltage has crossed
zero voltage and reached negative
during sudden loading condition. This
indirectly indicates the increasing status
of cell internal impedance.
RR
D0
0
→ Cell 1 voltage is normal
1
→ Cell 1 voltage has
crossed zero voltage towards
negative direction
D1
0
→ Cell 2 voltage is normal
1
→ Cell 2 voltage has
crossed zero voltage towards
negative direction
D2
0
→ Cell 3 voltage is normal
1
→ Cell 3 voltage has
crossed zero voltage towards
negative direction
D3
0
→ Cell 4 voltage is less than
reference voltage
1
→ Cell 4 voltage is more
than reference voltage
D4
0
→ Cell 5 voltage is normal
1
→ Cell 5 voltage has
crossed zero voltage towards
negative direction
D5
0
→ Cell 6 voltage is normal
1
→ Cell 6 voltage has
crossed zero voltage towards
negative direction
D6
0
→ Cell 7 voltage is normal
1
→ Cell 7 voltage has
crossed zero voltage towards
negative direction
D7
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com