Electronic Components Datasheet Search
  English  ▼

X  

TMD37821 Datasheet(PDF) 7 Page - ams AG

Part # TMD37821
Description  Color Light-To-Digital Converter with Proximity Sensing
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD37821 Datasheet(HTML) 7 Page - ams AG

Back Button TMD37821 Datasheet HTML 3Page - ams AG TMD37821 Datasheet HTML 4Page - ams AG TMD37821 Datasheet HTML 5Page - ams AG TMD37821 Datasheet HTML 6Page - ams AG TMD37821 Datasheet HTML 7Page - ams AG TMD37821 Datasheet HTML 8Page - ams AG TMD37821 Datasheet HTML 9Page - ams AG TMD37821 Datasheet HTML 10Page - ams AG TMD37821 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
Datasheet - Mar. 2013 - V2
TMD3782 – 7
Figure TMD3782 – 9:
Optical Characteristics (Clear Channel), VDD = 3V, TA = 25ºC, AGAIN = 16x, ATIME = 0xF6
Figure TMD3782 – 10:
Optical Characteristics (RGBC), VDD = 3V, TA = 25ºC
Notes:
1. The 465 nm input irradiance is supplied by an InGaN light-emitting diode with the following characteristics: dominant
wavelength λD = 465 nm, spectral halfwidth Δλ½ = 22 nm.
2. The 525 nm input irradiance is supplied by an InGaN light-emitting diode with the following characteristics: dominant
wavelength λD = 525 nm, spectral halfwidth Δλ½ = 35 nm.
3. The 615 nm input irradiance is supplied by a AlInGaP light-emitting diode with the following characteristics: dominant
wavelength λD = 615 nm, spectral halfwidth Δλ½ = 15 nm.
Parameter
Test Conditions
Clear Channel
Unit
Min
Typ
Max
Re
Irradiance responsivity
λD = 465 nm
(Note 1)
9.4
11.8
14.2
count/
(μW/cm2)
λD = 525 nm
(Note 2)
12.5
15.6
18.7
λD = 615 nm
(Note 3)
14.6
18.2
21.8
Parameter
Test
Conditions
Clear Channel
Red
Channel
Green
Channel
Blue
Channel
Min
Max
Min
Max
Min
Max
Color ADC count value
ratio:
Color/Clear
λD = 465 nm
(Note 1)
0%
15%
10%
42%
70%
90%
λD = 525 nm
(Note 2)
4%
25%
60%
85%
10%
45%
λD = 615 nm
(Note 3)
80%
110%
0%
14%
5%
24%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com