Electronic Components Datasheet Search
  English  ▼

X  

TMD37821 Datasheet(PDF) 27 Page - ams AG

Part # TMD37821
Description  Color Light-To-Digital Converter with Proximity Sensing
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD37821 Datasheet(HTML) 27 Page - ams AG

Back Button TMD37821 Datasheet HTML 23Page - ams AG TMD37821 Datasheet HTML 24Page - ams AG TMD37821 Datasheet HTML 25Page - ams AG TMD37821 Datasheet HTML 26Page - ams AG TMD37821 Datasheet HTML 27Page - ams AG TMD37821 Datasheet HTML 28Page - ams AG TMD37821 Datasheet HTML 29Page - ams AG TMD37821 Datasheet HTML 30Page - ams AG TMD37821 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
Datasheet - Mar. 2013 - V2
TMD3782 – 27
In a proximity sensing system, the IR LED can be pulsed by the
TMD3782 with more than 100 mA of rapidly switching current,
therefore, a few design considerations must be kept in mind to
get the best performance. The key goal is to reduce the power
supply noise coupled back into the device during the LED
pulses. If Vbat does not exceed the maximum specified LDR pin
voltage (including when the battery is being recharged), LEDA
can be directly tied to Vbat for best proximity performance.
In many systems, there is a quiet analog supply and a noisy
digital supply. By connecting the quiet supply to the VDD pin
and the noisy supply to the LED, the key goal can be meet. Place
a 1-μF low-ESR decoupling capacitor as close as possible to the
VDD pin and another at the LED anode, and a 10 - 22μF bulk
capacitor at the output of the LED voltage regulator to supply
the 100-mA current surge.
If operating from a single supply, use a 22-Ω resistor in series
with the VDD supply line and a 1-μF low ESR capacitor to filter
any power supply noise. The previous capacitor placement
considerations apply.
Figure TMD3782 – 41:
Typical Application Hardware Circuit
VBUS in the above figure refers to the I
2C bus voltage which is
either VDD or 1.8 V. Be sure to apply the specified I
2C bus voltage
shown in the Available Options table for the specific device
being used.
The I2C signals and the Interrupt are open-drain outputs and
require pull−up resistors. The pull-up resistor (RP) value is a
function of the I2C bus speed, the I2C bus voltage, and the
capacitive load. The ams EVM running at 400 kbps, uses 1.5-kΩ
resistors. A 10-kΩ pull-up resistor (RPI) can be used for the
interrupt line.
Application Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com