Electronic Components Datasheet Search
  English  ▼

X  

TMD37821 Datasheet(PDF) 19 Page - ams AG

Part # TMD37821
Description  Color Light-To-Digital Converter with Proximity Sensing
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD37821 Datasheet(HTML) 19 Page - ams AG

Back Button TMD37821 Datasheet HTML 15Page - ams AG TMD37821 Datasheet HTML 16Page - ams AG TMD37821 Datasheet HTML 17Page - ams AG TMD37821 Datasheet HTML 18Page - ams AG TMD37821 Datasheet HTML 19Page - ams AG TMD37821 Datasheet HTML 20Page - ams AG TMD37821 Datasheet HTML 21Page - ams AG TMD37821 Datasheet HTML 22Page - ams AG TMD37821 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
Datasheet - Mar. 2013 - V2
TMD3782 – 19
The ENABLE register is used primarily to power the device on
and off, and enable functions and interrupts.
Figure TMD3782 – 27:
Enable Register.
Notes:
1. The PON bit must also be set=1 for these functions to operate.
2. WEN=1, PEN=1, AEN=0 is unsupported and will lead to erroneous proximity readings.
765432
1
0
Reserved
PIEN
AIEN
WEN
PEN
AEN
PON
Field
Bits
Description (Reset value = 0x00)
Reserved
7:6
Reserved. Write as 0.
PIEN
5
Proximity Interrupt Enable. When asserted permits proximity interrupts to be
generated, subject to the persist filter.
AIEN
4
Ambient Light Sensing (ALS) Interrupt Enable. When asserted permits ALS
interrupts to be generated, subject to the persist filter.
WEN (Note 1,2)
3
Wait Enable. This bit activates the wait feature. Writing a 1 activates the wait
timer. Writing a 0 disables the wait timer.
PEN (Note 1,2)
2
Proximity enable. This bit activates the proximity function. Writing a 1
enables proximity. Writing a 0 disables proximity.
AEN (Note 1,2)
1
ADC enable. This bit activates the four-channel (RGBC) ADC. Writing a 1
enables the ADC. Writing a 0 disables the ADC.
PON
0
Power ON. This bit activates the internal oscillator to permit the timers and
ADC channels to operate. Writing a 1 activates the oscillator. Writing a 0
disables the oscillator. During reads and writes over the I2C interface, this bit
is temporarily overridden and the oscillator is enabled, independent of the
state of PON.
Enable Register (0 x 00)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com