Electronic Components Datasheet Search
  English  ▼

X  

TMD37821 Datasheet(PDF) 14 Page - ams AG

Part # TMD37821
Description  Color Light-To-Digital Converter with Proximity Sensing
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD37821 Datasheet(HTML) 14 Page - ams AG

Back Button TMD37821 Datasheet HTML 10Page - ams AG TMD37821 Datasheet HTML 11Page - ams AG TMD37821 Datasheet HTML 12Page - ams AG TMD37821 Datasheet HTML 13Page - ams AG TMD37821 Datasheet HTML 14Page - ams AG TMD37821 Datasheet HTML 15Page - ams AG TMD37821 Datasheet HTML 16Page - ams AG TMD37821 Datasheet HTML 17Page - ams AG TMD37821 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
TMD3782 – 14
Datasheet - Mar. 2013 - V2
Interface and control are accomplished through an I2C serial
compatible interface (standard or fast mode) to a set of registers
that provide access to device control functions and output data.
The devices support the 7-bit I2C addressing protocol.
The I2C standard provides for three types of bus transaction:
read, write, and a combined protocol (Figure TMD3782 - 23).
During a write operation, the first byte written is a command
byte followed by data. In a combined protocol, the first byte
written is the command byte followed by reading a series of
bytes. If a read command is issued, the register address from
the previous command will be used for data access. Likewise, if
the MSB of the command is not set, the device will write a series
of bytes at the address stored in the last valid command with a
register address. The command byte contains either control
information or a 5-bit register address. The control commands
can also be used to clear interrupts.
The I2C bus protocol was developed by Philips (now NXP). For
a complete description of the I2C protocol, please review the
NXP I2C design specification at
http://www.i2c-bus.org/references/.
Figure TMD3782 – 23:
I2C Write, Read and Combined Protocols
I2C Protocol
Acknowledge (0)
Not Acknowledged (1)
Stop Condition
Read (1)
Start Condition
A
N
P
R
S
Repeated Start Condition
Write (0)
Continuation of Protocol
Master - to - Slave
Slave -to -Master
Sr
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com