Electronic Components Datasheet Search
  English  ▼

X  

TMD37821 Datasheet(PDF) 15 Page - ams AG

Part # TMD37821
Description  Color Light-To-Digital Converter with Proximity Sensing
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD37821 Datasheet(HTML) 15 Page - ams AG

Back Button TMD37821 Datasheet HTML 11Page - ams AG TMD37821 Datasheet HTML 12Page - ams AG TMD37821 Datasheet HTML 13Page - ams AG TMD37821 Datasheet HTML 14Page - ams AG TMD37821 Datasheet HTML 15Page - ams AG TMD37821 Datasheet HTML 16Page - ams AG TMD37821 Datasheet HTML 17Page - ams AG TMD37821 Datasheet HTML 18Page - ams AG TMD37821 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
Datasheet - Mar. 2013 - V2
TMD3782 – 15
The TMD3782 is controlled and monitored by data registers and
a command register accessed through the serial interface. These
registers provide for a variety of control functions and can be read
to determine results of the ADC conversions. The register set is
summarized in Figure TMD3782 - 24.
Figure TMD3782 – 24:
Register Map
Address
Register Name
R/W
Register Function
Reset
Value
-
COMMAND
W
Specified register address
0x00
0x00
ENABLE
R/W
Enables states and interrupts
0x00
0x01
ATIME
R/W
RGBC time
0xFF
0x03
WTIME
R/W
Wait time
0xFF
0x04
AILTL
R/W
Clear interrupt low threshold low byte
0x00
0x05
AILTH
R/W
Clear interrupt low threshold high byte
0x00
0x06
AIHTL
R/W
Clear interrupt high threshold low byte
0x00
0x07
AIHTH
R/W
Clear interrupt high threshold high byte
0x00
0x08
PILTL
R/W
Proximity interrupt low threshold low byte
0x00
0x09
PILTH
R/W
Proximity interrupt low threshold high byte
0x00
0x0A
PIHTL
R/W
Proximity interrupt high threshold low byte
0x00
0x0B
PIHTH
R/W
Proximity interrupt high threshold high byte
0x00
0x0C
PERS
R/W
Interrupt persistence filters
0x00
0x0D
CONFIG
R/W
Configuration
0x00
0x0E
PPULSE
R/W
Proximity pulse count
0x00
0x0F
CONTROL
R/W
Gain control register
0x00
0x11
REVISION
R
Die revision number
Rev.
0x12
ID
R
Device ID
ID
0x13
STATUS
R
Device status
0x00
0x14
CDATA
R
Clear ADC low data register
0x00
0x15
CDATAH
R
Clear ADC high data register
0x00
0x16
RDATA
R
Red ADC low data register
0x00
0x17
RDATAH
R
Red ADC high data register
0x00
0x18
GDATA
R
Green ADC low data register
0x00
Register Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com