Electronic Components Datasheet Search
  English  ▼

X  

TMD37821 Datasheet(PDF) 3 Page - ams AG

Part # TMD37821
Description  Color Light-To-Digital Converter with Proximity Sensing
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD37821 Datasheet(HTML) 3 Page - ams AG

  TMD37821 Datasheet HTML 1Page - ams AG TMD37821 Datasheet HTML 2Page - ams AG TMD37821 Datasheet HTML 3Page - ams AG TMD37821 Datasheet HTML 4Page - ams AG TMD37821 Datasheet HTML 5Page - ams AG TMD37821 Datasheet HTML 6Page - ams AG TMD37821 Datasheet HTML 7Page - ams AG TMD37821 Datasheet HTML 8Page - ams AG TMD37821 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Datasheet - Mar. 2013 - V2
TMD3782 – 3
The TMD3782 is a digital color light sensor device containing
four analog-to-digital converters (ADCs) that integrate currents
from photodiodes. Multiple photodiode segments for red, green,
blue, and clear are geometrically arranged to reduce the reading
variance as a function of the incident light angle. Integration of
all color sensing channels occurs simultaneously. Upon
completion of the conversion cycle, the result is transferred to the
corresponding data registers. The transfers are double-buffered to
ensure that the integrity of the data is maintained.
Communication with the device is accomplished through a fast
(up to 400 kHz), two-wire I
2C serial bus for easy connection to
a microcontroller or embedded controller.
The TMD3782 provides a separate pin for level-style interrupts. When
interrupts are enabled and a pre-set value is exceeded, the
interrupt pin is asserted and remains asserted until cleared by
the controlling firmware. The interrupt feature simplifies and
improves system efficiency by eliminating the need to poll a
sensor for a light intensity or proximity value. An interrupt is
generated when the value of a clear channel or proximity conversion
equals or exceeds either an upper or lower threshold. In
addition, a programmable interrupt persistence feature allows
the user to determine how many consecutive s a m p l e s m u s t
e q u a l o r exceed the threshold to trigger an interrupt.
Interrupt thresholds and persistence settings are configured
independently for both the clear channel and proximitysensors.
Proximity detection is done using a dedicated proximity
photodiode centrally located beneath an internal lens, an internal
LED, and a driver circuit. The driver circuit requires no external
components and is trimmed to provide a calibrated proximity
response. Customer calibrations are usually not required. The
number of proximity LED pulses can be programmed from 1 to 255
pulses, providing a 2000:1 contiguous dynamic range.
Background ambient light is subtracted from the proximity
reading to improve accuracy in all lighting conditions.
A state machine controls the functionality. Enabling bits
independently determine whether the Proximity, Wait or RGBC
/ ALS functions are performed. Average power consumption is
managed via control of variable endurance low power wait
cycles. Once initiated the state machine will run continuously
until disabled.
Detailed Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com