Electronic Components Datasheet Search
  English  ▼

X  

TMD37821 Datasheet(PDF) 22 Page - ams AG

Part # TMD37821
Description  Color Light-To-Digital Converter with Proximity Sensing
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD37821 Datasheet(HTML) 22 Page - ams AG

Back Button TMD37821 Datasheet HTML 18Page - ams AG TMD37821 Datasheet HTML 19Page - ams AG TMD37821 Datasheet HTML 20Page - ams AG TMD37821 Datasheet HTML 21Page - ams AG TMD37821 Datasheet HTML 22Page - ams AG TMD37821 Datasheet HTML 23Page - ams AG TMD37821 Datasheet HTML 24Page - ams AG TMD37821 Datasheet HTML 25Page - ams AG TMD37821 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
TMD3782 – 22
Datasheet - Mar. 2013 - V2
The interrupt register controls the interrupt capabilities of the
device.
Figure TMD3782 – 32:
Interrupt Persistence Register.
765432
1
0
PPERS
APERS
Field
Bits
Description (Reset value = 0x00)
PPERS
7:4
Proximity interrupt persistence. Controls rate of proximity interrupts to the host processor.
FIELD VALUES
PERSISTENCE
0000
Every proximity cycle generates an interrupt
0001
Any value outside of threshold range
0010
2 consecutive values out of range
….
….
1111
15 consecutive values out of range
APERS
3:0
Clear channel interrupt persistence. Controls rate of Clear channel interrupts to the host
processor.
FIELD VALUE
PERSISTENCE
0000
Every RGBC cycle generates an interrupt
0001
Any value outside of threshold range
0010
2 consecutive values out of range
0011
3 consecutive values out of range
0100
5 consecutive values out of range
0101
10 consecutive values out of range
0110
15 consecutive values out of range
0111
20 consecutive values out of range
1000
25 consecutive values out of range
1001
30 consecutive values out of range
1010
35 consecutive values out of range
1011
40 consecutive values out of range
1100
45 consecutive values out of range
1101
50 consecutive values out of range
1110
55 consecutive values out of range
1111
60 consecutive values out of range
Interrupt Persistence Register (0x0C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com