Electronic Components Datasheet Search
  English  ▼

X  

TMD37821 Datasheet(PDF) 9 Page - ams AG

Part # TMD37821
Description  Color Light-To-Digital Converter with Proximity Sensing
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD37821 Datasheet(HTML) 9 Page - ams AG

Back Button TMD37821 Datasheet HTML 5Page - ams AG TMD37821 Datasheet HTML 6Page - ams AG TMD37821 Datasheet HTML 7Page - ams AG TMD37821 Datasheet HTML 8Page - ams AG TMD37821 Datasheet HTML 9Page - ams AG TMD37821 Datasheet HTML 10Page - ams AG TMD37821 Datasheet HTML 11Page - ams AG TMD37821 Datasheet HTML 12Page - ams AG TMD37821 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Datasheet - Mar. 2013 - V2
TMD3782 – 9
Figure TMD3782 – 13:
IR LED Characteristics, VDD = 3 V, TA = 25ºC
Figure TMD3782 – 14:
Wait Characteristics, VDD = 3 V, TA = 25ºC, WEN = 1 (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VF
Forward Voltage
IF = 20 mA
1.4
1.5
V
VR
Reverse Voltage
IR = 10 μA
5V
PO
Radiant Power
IF = 20 mA
4.5
mW
λp
Peak Wavelength
IF = 20 mA
850
nm
Δλ
Spectral Radiation
Bandwidth
IF = 20 mA
40
nm
TR, TF
Optical Rise, r
Fall Time
IF = 100 mA, TW = 125 ns,
duty cycle = 25%
20
40
ns
Parameter
Conditions
Channel
Min
Typ
Max
Units
Wait step size
WTIME = 0xFF
2.25
2.38
2.53
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com