Electronic Components Datasheet Search
  English  ▼

X  

TSL2671 Datasheet(PDF) 9 Page - ams AG

Part # TSL2671
Description  DIGITAL PROXIMITY DETECTOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2671 Datasheet(HTML) 9 Page - ams AG

Back Button TSL2671 Datasheet HTML 5Page - ams AG TSL2671 Datasheet HTML 6Page - ams AG TSL2671 Datasheet HTML 7Page - ams AG TSL2671 Datasheet HTML 8Page - ams AG TSL2671 Datasheet HTML 9Page - ams AG TSL2671 Datasheet HTML 10Page - ams AG TSL2671 Datasheet HTML 11Page - ams AG TSL2671 Datasheet HTML 12Page - ams AG TSL2671 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
TSL2671
DIGITAL PROXIMITY DETECTOR
TAOS118 − JANUARY 2011
8
r
r
Copyright
E 2011, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
Proximity Detection
Proximity sensing uses an external light source (generally an infrared emitter) to emit light, which is then viewed
by the integrated light detector to measure the amount of reflected light when an object is in the light path
(Figure 6). The amount of light detected from a reflected surface can then be used to determine an object’s
proximity to the sensor.
IR LED
2771
Surface Reflectivity (SR)
Background Energy (BGE)
Optical Crosstalk (OC)
Glass Attenuation (GA)
Distance (D)
Figure 6. Proximity Detection
The device has controls for the number of IR pulses (PPCOUNT), the integration time (PTIME), the LED drive
current (PDRIVE), and the photodiode configuration (PDIODE) (Figure 7). The photodiode configuration can
be set to CH1 diode (recommended), CH0 diode, or a combination of both diodes. At the end of the integration
cycle, the results are latched into the proximity data (PDATAx) registers.
CH1
Prox
Integration
Prox Control
Prox
ADC
IR LED Constant
Current Sink
CH0
PDATAH(r0x19), PDATAL(r0x18)
PDRIVE(r0x0F, b7:6)
Prox
Data
IR
LED
PTIME(r0x02)
PPCOUNT(r0x0E)
VDD
Figure 7. Proximity Detection Operation
The LED drive current is controlled by a regulated current sink on the LDR pin. This feature eliminates the need
to use a current limiting resistor to control LED current. The LED drive current can be configured for 12.5 mA,
25 mA, 50 mA, or 100 mA. For higher LED drive requirements, an external P type transistor can be used to
control the LED current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com