Electronic Components Datasheet Search
  English  ▼

X  

TSL2671 Datasheet(PDF) 16 Page - ams AG

Part # TSL2671
Description  DIGITAL PROXIMITY DETECTOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2671 Datasheet(HTML) 16 Page - ams AG

Back Button TSL2671 Datasheet HTML 12Page - ams AG TSL2671 Datasheet HTML 13Page - ams AG TSL2671 Datasheet HTML 14Page - ams AG TSL2671 Datasheet HTML 15Page - ams AG TSL2671 Datasheet HTML 16Page - ams AG TSL2671 Datasheet HTML 17Page - ams AG TSL2671 Datasheet HTML 18Page - ams AG TSL2671 Datasheet HTML 19Page - ams AG TSL2671 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
TSL2671
DIGITAL PROXIMITY DETECTOR
TAOS118 − JANUARY 2011
15
The LUMENOLOGY
r Company
r
r
Copyright
E 2011, TAOS Inc.
www.taosinc.com
Command Register
The command registers specifies the address of the target register for future write and read operations.
Table 2. Command Register
6
75
4
ADD
2
31
0
COMMAND
COMMAND
TYPE
− −
FIELD
BITS
DESCRIPTION
COMMAND
7
Select Command Register. Must write as 1 when addressing COMMAND register.
TYPE
6:5
Selects type of transaction to follow in subsequent data transfers:
FIELD VALUE
DESCRIPTION
00
Repeated byte protocol transaction
01
Auto-increment protocol transaction
10
Reserved — Do not use
11
Special function — See description below
Transaction type 00 will repeatedly read the same register with each data access.
Transaction type 01 will provide an auto-increment function to read successive register bytes.
ADD
4:0
Address register/special function register. Depending on the transaction type, see above, this field either
specifies a special function command or selects the specific control-status-register for following write and
read transactions:
FIELD VALUE
DESCRIPTION
00000
Normal — no action
00101
Proximity interrupt clear
Proximity Interrupt Clear clears any pending proximity interrupt. This special function is self clearing.
Enable Register (0x00)
The ENABLE register is used to power the device on/off, enable functions, and interrupts.
Table 3. Enable Register
6
75
4
PON
2
31
0
ENABLE
Reserved
Resv
Reserved
Address
0x00
PIEN
WEN
PEN
FIELD
BITS
DESCRIPTION
Reserved
7:6
Reserved. Write as 0.
PIEN
5
Proximity interrupt mask. When asserted, permits proximity interrupts to be generated.
Reserved
4
Reserved. Write as 0.
WEN
3
Wait Enable. This bit activates the wait feature. Writing a 1 activates the wait timer. Writing a 0 disables the
wait timer.
PEN
2:1
Proximity enable. These bits activate the proximity function. Writing a 11b enables proximity. Writing a 00b
disables proximity. The Wait Time register should be configured before asserting proximity enable.
PON 1, 2
0
Power ON. This bit activates the internal oscillator to permit the timers and ADC channel to operate. Writing
a 1 activates the oscillator. Writing a 0 disables the oscillator.
NOTES: 1. See Power Management section for more information.
2. A minimum interval of 2.72 ms must pass after PON is asserted before proximity can be initiated. This required time is enforced
by the hardware in cases where the firmware does not provide it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com