Electronic Components Datasheet Search
  English  ▼

X  

TSL2671 Datasheet(PDF) 11 Page - ams AG

Part # TSL2671
Description  DIGITAL PROXIMITY DETECTOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2671 Datasheet(HTML) 11 Page - ams AG

Back Button TSL2671 Datasheet HTML 7Page - ams AG TSL2671 Datasheet HTML 8Page - ams AG TSL2671 Datasheet HTML 9Page - ams AG TSL2671 Datasheet HTML 10Page - ams AG TSL2671 Datasheet HTML 11Page - ams AG TSL2671 Datasheet HTML 12Page - ams AG TSL2671 Datasheet HTML 13Page - ams AG TSL2671 Datasheet HTML 14Page - ams AG TSL2671 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
TSL2671
DIGITAL PROXIMITY DETECTOR
TAOS118 − JANUARY 2011
10
r
r
Copyright
E 2011, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
Interrupts
The interrupt feature simplifies and improves system efficiency by eliminating the need to poll the sensor for
a proximity value. The interrupt mode is determined by the state of the PIEN field in the ENABLE register.
Two 16-bit-wide interrupt threshold registers allow the user to define upper and lower threshold limits. An
interrupt can be generated when the proximity data (PDATA) exceeds the upper threshold value (PIHTx) or falls
below the lower threshold (PILTx).
To further control when an interrupt occurs, the device provides an interrupt persistence feature. This feature
allows the user to specify a number of conversion cycles for which an event exceeding the proximity interrupt
threshold must persist (PPERS) before actually generating an interrupt. See the register descriptions for details
on the length of the persistence.
Prox
ADC
Prox
Data
Prox
Integration
CH0
Upper Limit
Lower Limit
Prox Persistence
PILTH(r0x09), PILTL(r0x08)
PIHTH(r0x0B), PIHTL(r0x0A)
PPERS(r0x0C, b7:4)
CH1
Figure 10. Programmable Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com