Electronic Components Datasheet Search
  English  ▼

X  

TSL2671 Datasheet(PDF) 17 Page - ams AG

Part # TSL2671
Description  DIGITAL PROXIMITY DETECTOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2671 Datasheet(HTML) 17 Page - ams AG

Back Button TSL2671 Datasheet HTML 13Page - ams AG TSL2671 Datasheet HTML 14Page - ams AG TSL2671 Datasheet HTML 15Page - ams AG TSL2671 Datasheet HTML 16Page - ams AG TSL2671 Datasheet HTML 17Page - ams AG TSL2671 Datasheet HTML 18Page - ams AG TSL2671 Datasheet HTML 19Page - ams AG TSL2671 Datasheet HTML 20Page - ams AG TSL2671 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
TSL2671
DIGITAL PROXIMITY DETECTOR
TAOS118 − JANUARY 2011
16
r
r
Copyright
E 2011, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
Proximity Time Control Register (0x02)
The proximity timing register controls the integration time of the proximity ADC in 2.72 ms increments. It is
recommended that this register be programmed to a value of 0xFF (1 integration cycle).
Table 4.
Proximity Time Control Register
FIELD
BITS
DESCRIPTION
PTIME
7:0
VALUE
INTEG_CYCLES
TIME
MAX COUNT
0xFF
1
2.72 ms
1023
Wait Time Register (0x03)
Wait time is set 2.72 ms increments unless the WLONG bit is asserted, in which case the wait times are 12
×
longer. WTIME is programmed as a 2’s complement number.
Table 5.
Wait Time Register
FIELD
BITS
DESCRIPTION
WTIME
7:0
REGISTER VALUE
WAIT TIME
TIME (WLONG = 0)
TIME (WLONG = 1)
0xFF
1
2.72 ms
0.032 sec
0xB6
74
201 ms
2.4 sec
0x00
256
696 ms
8.3 sec
NOTE: The Wait Time register should be configured before PEN is asserted.
Proximity Interrupt Threshold Registers (0x08 − 0x0B)
The proximity interrupt threshold registers provide the values to be used as the high and low trigger points for
the comparison function for interrupt generation. If the value generated by proximity channel crosses below the
lower threshold specified, or above the higher threshold, an interrupt is signaled to the host processor.
Table 6.
Proximity Interrupt Threshold Registers
REGISTER
ADDRESS
BITS
DESCRIPTION
PILTL
0x08
7:0
Proximity low threshold lower byte
PILTH
0x09
7:0
Proximity low threshold upper byte
PIHTL
0x0A
7:0
Proximity high threshold lower byte
PIHTH
0x0B
7:0
Proximity high threshold upper byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com