Electronic Components Datasheet Search
  English  ▼

X  

TSL2671 Datasheet(PDF) 12 Page - ams AG

Part # TSL2671
Description  DIGITAL PROXIMITY DETECTOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2671 Datasheet(HTML) 12 Page - ams AG

Back Button TSL2671 Datasheet HTML 8Page - ams AG TSL2671 Datasheet HTML 9Page - ams AG TSL2671 Datasheet HTML 10Page - ams AG TSL2671 Datasheet HTML 11Page - ams AG TSL2671 Datasheet HTML 12Page - ams AG TSL2671 Datasheet HTML 13Page - ams AG TSL2671 Datasheet HTML 14Page - ams AG TSL2671 Datasheet HTML 15Page - ams AG TSL2671 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
TSL2671
DIGITAL PROXIMITY DETECTOR
TAOS118 − JANUARY 2011
11
The LUMENOLOGY
r Company
r
r
Copyright
E 2011, TAOS Inc.
www.taosinc.com
State Diagram
The following state diagram shows a more detailed flow for the state machine. The device starts in the sleep
mode. The PON bit is written to enable the device. A 2.72-ms Start Delay will occur before entering the start
state. If the PEN bit is set, the state machine will step through the proximity accumulate, then proximity ADC
conversion states. As soon as the conversion is complete, the state machine will move to the Wait Check state.
If the WEN bit is set, the state machine will then cycle through the wait state. If the WLONG bit is set, the wait
cycles are extended by 12
× over normal operation. When the wait counter terminates, the state machine will
move to the 2.72-ms Wait Delay state before returning to the Start state.
1 to 256 steps
Step: 2.72 ms
Time: 2.72 ms − 696 ms
Recommended − 2.72 ms 1023 Counts
PEN = 0
Prox
Check
PON = 1
PON = 0
Sleep
Wait
Check
Start
Wait
WEN = 1
Prox
Accum
Prox
ADC
Wait
Delay
PEN = 1
1 to 255 LED Pulses
Pulse Frequency: 62.5 kHz
Time: 16.3
ms − 4.2 ms
WLONG = 0
1 to 256 steps
Step: 2.72 ms
Time: 2.72 ms − 696 ms
WLONG = 1
1 to 256 steps
Step: 32.6 ms
Time: 32.6 ms − 8.35 s
5.44 ms
WEN = 0
Start
Delay
2.72 ms
Figure 11. Expanded State Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com