Electronic Components Datasheet Search
  English  ▼

X  

TSL2671 Datasheet(PDF) 19 Page - ams AG

Part # TSL2671
Description  DIGITAL PROXIMITY DETECTOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2671 Datasheet(HTML) 19 Page - ams AG

Back Button TSL2671 Datasheet HTML 15Page - ams AG TSL2671 Datasheet HTML 16Page - ams AG TSL2671 Datasheet HTML 17Page - ams AG TSL2671 Datasheet HTML 18Page - ams AG TSL2671 Datasheet HTML 19Page - ams AG TSL2671 Datasheet HTML 20Page - ams AG TSL2671 Datasheet HTML 21Page - ams AG TSL2671 Datasheet HTML 22Page - ams AG TSL2671 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
TSL2671
DIGITAL PROXIMITY DETECTOR
TAOS118 − JANUARY 2011
18
r
r
Copyright
E 2011, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
Proximity Pulse Count Register (0x0E)
The proximity pulse count register sets the number of proximity pulses that will be transmitted. PPULSE defines
the number of pulses to be transmitted at a 62.5-kHz rate.
While the value can be programmed up to 255 pulses, the practical limit of the device is 32 pulses. It is
recommended that 32 or fewer pulses be used to achieve maximum signal-to-noise ratio.
Table 9.
Proximity Pulse Count Register
6
75
4
2
31
0
PPULSE
PPULSE
Address
0x0E
FIELD
BITS
DESCRIPTION
PPULSE
7:0
Proximity Pulse Count. Specifies the number of proximity pulses to be generated.
Control Register (0x0F)
The Control register provides four bits of control to the analog block. These bits control the diode drive current
and diode selection functions.
Table 10.
Control Register
6
75
4
2
31
0
CONTROL
PDRIVE
Resv
Address
0x0F
PDIODE
Reserved
FIELD
BITS
DESCRIPTION
PDRIVE
7:6
LED Drive Strength.
FIELD VALUE
LED STRENGTH
00
100 mA
01
50 mA
10
25 mA
11
12.5 mA
PDIODE
5:4
Proximity Diode Select.
FIELD VALUE
DIODE SELECTION
00
Reserved
01
Proximity uses the Channel 0 diode
10
Proximity uses the Channel 1 diode
11
Proximity uses both diodes
Reserved
3:0
Reserved. Write bits as 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com