Electronic Components Datasheet Search
  English  ▼

X  

TSL2671 Datasheet(PDF) 22 Page - ams AG

Part # TSL2671
Description  DIGITAL PROXIMITY DETECTOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2671 Datasheet(HTML) 22 Page - ams AG

Back Button TSL2671 Datasheet HTML 18Page - ams AG TSL2671 Datasheet HTML 19Page - ams AG TSL2671 Datasheet HTML 20Page - ams AG TSL2671 Datasheet HTML 21Page - ams AG TSL2671 Datasheet HTML 22Page - ams AG TSL2671 Datasheet HTML 23Page - ams AG TSL2671 Datasheet HTML 24Page - ams AG TSL2671 Datasheet HTML 25Page - ams AG TSL2671 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
TSL2671
DIGITAL PROXIMITY DETECTOR
TAOS118 − JANUARY 2011
21
The LUMENOLOGY
r Company
r
r
Copyright
E 2011, TAOS Inc.
www.taosinc.com
APPLICATION INFORMATION: HARDWARE
If the hardware application requires more than 100 mA of current to drive the LED, then an external transistor
should be used. Note, R2 should be sized adequately to bias the gate voltage given the LDR current mode
setting. See Figure 15.
TSL2671
VBUS
VDD(digital)
1
mF
RP
RP
SCL
SDA
RPI
INT
R1
LDR
LED
R2
1
mF
VDD(analog)
Figure 15. Application Hardware Circuit for Proximity Sensing with External LED Driver Using P-FET
Transistor
PCB Pad Layout
Suggested PCB pad layout guidelines for the Dual Flat No-Lead (FN) surface mount package are shown in
Figure 16.
400
2500
400
1000
1700
650
1000
650
Note: Pads can be
extended further if hand
soldering is needed.
NOTES: A. All linear dimensions are in micrometers.
B. This drawing is subject to change without notice.
Figure 16. Suggested FN Package PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com