Electronic Components Datasheet Search
  English  ▼

X  

202XM Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # 202XM
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

202XM Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button 202XM Datasheet HTML 26Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 27Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 28Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 29Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 30Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 31Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 32Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 33Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 122 page
background image
Part Number
Description
XJ (color)
Macro-Hook XJ Test Connector
XJL-(color)
Macro-Hook XJL Test Connector, Long
Heavy-duty insulation-piercing test hook. Spring loaded and
insulated to a single contact point to assure true readings.
E-ZZ-M
MACRO-HHOOK, IINSULATION-PPIERCING: XXJ && XXJL
XJL M
MODEL
XJ M
MODEL
27
XJ M
MODEL
XJL M
MODEL
Orrderr DDesk: 11 ((800) 9995-HHOOK
See our Automotive Kits featuring
the XJL hook, page 114.
Actual SSize
Construction: Nickel silver conductor and hook, .050" (1.27mm)
thick. Hook fits over component leads up to .140" (3.56mm)
diameter.
Durable nylon body and plunger. Stainless steel
compression coil spring provides approximately 40 ounces (1134
grams) contact pressure.
Part is field serviceable (see page 1).
Colors: Available in 10 colors. See inside back cover for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com