Electronic Components Datasheet Search
  English  ▼

X  

202XM Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # 202XM
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

202XM Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button 202XM Datasheet HTML 27Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 28Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 29Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 30Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 31Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 32Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 33Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 34Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 122 page
background image
E-ZZ-M
MACRO-HHOOK, IINSULATION-PPIERCING TEST LEADS: XJ && XJL
MODEL XXJ
MODEL XXJL
ALL M
MODELS AAVAILABLE IIN TTHE FFOLLOWING TTEST LLEAD CCOMBINATIONS
COLOR CHART
Black
Green
Brown Blue
Red
Violet
Orange Gray
Yellow White
Standard wire for the following leads
is 18 AWG PVC or 20 AWG coil cord.
Additional lead lengths, wire types, and custom leads are available upon request.
Test leads available
in the above colors.
PLEASE SPECIFY LENGTH IN INCHES
WHEN ORDERING
Hook Model
Part Number
XJ
604XJ-(length)-(color)
XJL
604XJL-(length)-(color)
Coil cord, add C after part no. (Ex. 604XJC)
SETS && CUSTOM CCOLOR
Standard Sets:
R/B
= 1 red, 1 black
S
= 1 each of 10 colors
S(color)= 10 of one color
S14
= Set of 10 solid, 4 kilo color*
S16
= Set of 10 solid, 6 kilo color*
(Ex. 204XJ-12-S or 604XJ-12-R/B)
Muti-color Unit:
*See Kilo-Color Info on inside back
cover.
Standard lengths include:
MACRO-HHOOK: See selected model style.
MACRO-HHOOK XXJ/XJL TTO M
MACRO-HHOOK XXJ/XJL JJUMPER
MACRO-HHOOK: See selected model style.
Hook Model
Part Number
XJ
613XJ-(length)-(color)
XJL
613XJL-(length)-(color)
Coil cord, add C after part no. (Ex. 613XJLC)
MACRO-HHOOK XXJ/XJL TTO LLEAD O
ONLY .. .. .. N
NO IINTERFACE
MACRO-HHOOK: See selected model style.
STANDARD BBANANA PPLUG: See Part No. 9214.
Hook Model
Part Number
XJ
BXJ-(length)-(color)
XJL
BXJL-(length)-(color)
Coil cord, add C after part no. (Ex. BXJC)
MACRO-HHOOK XXJ/XJL TTO SSTANDARD BBANANA PPLUG
Ordering iinformation:
PART NO. - WIRE LENGTH - COLOR (Example: 604XJ-12-RED)
XJ m
model sshown
XJ m
model sshown
XJ m
model sshown
28
www.e-zz-hhooook.coom
m
MACRO-HHOOK: See selected model style.
ALLIGATOR CCLIP: See Part No. 9274.
Hook Model
Part Number
XJ
619XJ-(length)-(color)
XJL
619XJL-(length)-(color)
Coil cord, add C after part no. (Ex. 619XJLC)
MACRO-HHOOK XXJ/XJL TTO SSTANDARD AALLIGATOR CCLIP
XJ m
model sshown
12”
18”
24”
30cm
45cm
60cm
60” Coil Cord
36”
48”
60”
90cm
120cm
150cm
18 AWG PVC WIRE
18 AWG PVC WIRE
18 AWG PVC WIRE
18 AWG PVC WIRE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com